Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65EL16 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EL16
Description  5-V ECL Differential Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65EL16 Datasheet(HTML) 5 Page - Texas Instruments

  SN65EL16 Datasheet HTML 1Page - Texas Instruments SN65EL16 Datasheet HTML 2Page - Texas Instruments SN65EL16 Datasheet HTML 3Page - Texas Instruments SN65EL16 Datasheet HTML 4Page - Texas Instruments SN65EL16 Datasheet HTML 5Page - Texas Instruments SN65EL16 Datasheet HTML 6Page - Texas Instruments SN65EL16 Datasheet HTML 7Page - Texas Instruments SN65EL16 Datasheet HTML 8Page - Texas Instruments SN65EL16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
50%
50%
OUT
IN
50%
50%
T0404-01
t
PLH
t
PHL
D
D
Q
Q
t
PLH
t
PHL
T0400-01
D
D
T0401-01
V
PP(min)
V
PP(max)
80%
20%
t
r
t
f
T0402-01
SN65EL16
www.ti.com............................................................................................................................................................................................ SLLS921 – NOVEMBER 2008
Figure 2. Single-Ended Propagation Delay
Figure 3. Differential Propagation Delay
Figure 4. Input Voltage Swing
Figure 5. Output Rise and Fall Times
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65EL16


Similar Part No. - SN65EL16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EL11 TI-SN65EL11 Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11D TI-SN65EL11D Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGK TI-SN65EL11DGK Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DGKR TI-SN65EL11DGKR Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
SN65EL11DR TI-SN65EL11DR Datasheet
436Kb / 12P
[Old version datasheet]   5-V PECL/ECL 1:2 Fanout Buffer
More results

Similar Description - SN65EL16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16 ONSEMI-MC10EL16_06 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16 ONSEMI-MC10EP16_16 Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com