Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD251D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251D
Description  INDUSTRIAL CAN TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD251D Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD251D Datasheet HTML 1Page - Texas Instruments SN65HVD251D Datasheet HTML 2Page - Texas Instruments SN65HVD251D Datasheet HTML 3Page - Texas Instruments SN65HVD251D Datasheet HTML 4Page - Texas Instruments SN65HVD251D Datasheet HTML 5Page - Texas Instruments SN65HVD251D Datasheet HTML 6Page - Texas Instruments SN65HVD251D Datasheet HTML 7Page - Texas Instruments SN65HVD251D Datasheet HTML 8Page - Texas Instruments SN65HVD251D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN55HVD251
SN65HVD251
www.ti.com
SLLS545E – NOVEMBER 2002 – REVISED MARCH 2010
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIT+
Positive-going input threshold voltage
750
900
VIT-
Negative-going input threshold voltage
Rs at 0 V, (See Table 1)
500
650
mV
Vhys
Hysteresis voltage (VIT+ - VIT-)
100
VOH
High-level output voltage
Figure 6, IO = -4mA
0.8 VCC
V
VOL
Low-level output voltage
Figure 6, IO = 4mA
0.2 VCC
V
CANH or CANL at 12 V
600
CANH or CANL at 12 V,
Other bus
715
VCC at 0 V
pin at 0 V,
II
Bus input current
µA
Rs at 0 V, D
CANH or CANL at -7 V
-460
at 0.7 VCC
CANH or CANL at -7 V,
-340
VCC at 0 V
Pin-to-ground, VI = 0.4 sin (4E6pt) + 0.5
pF
CI
Input capacitance, (CANH or CANL)
20
V, D at 0.7 VCC
Pin-to-pin, VI = 0.4 sin (4E6pt) + 0.5 V, D
pF
CID
Differential input capacitance
10
at 0.7 VCC
RID
Differential input resistance
D at 0.7 VCC, Rs at 0 V
40
100
k
RIN
Input resistance, (CANH or CANL)
D at 0.7 VCC, Rs at 0 V
20
50
k
Receiver noise rejection
See Figure 13
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
35
50
tpHL
Propagation delay time, high-to-low-level output
35
50
tsk(p)
Pulse skew (|tpHL - tpLH|)
Figure 6
20
ns
tr
Output signal rise time
2
4
tf
Output signal fall time
2
4
tp(sb)
Propagation delay time in standby
Figure 12, Rs at VCC
500
VREF-PIN CHARACTERISTICS
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-5 µA < IO < 5 µA
0.45 VCC
0.55 VCC
VO
Reference output voltage
V
-50 µA < IO < 50 µA
0.4 VCC
0.6 VCC
DEVICE SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Figure 10, Rs at 0 V
60
100
Total loop delay, driver input to receiver
tloop1
Figure 10, Rs with 10 k
Ω to ground
100
150
ns
output, recessive to dominant
Figure 10, Rs with 100 k
Ω to ground
440
800
Figure 10, Rs at 0 V
115
150
Total loop delay, driver input to receiver
tloop2
Figure 10, Rs with 10 k
Ω to ground
235
290
ns
output, dominant to recessive
Figure 10, Rs with 100 k
Ω to ground
1070
1450
Total loop delay, driver input to receiver
tloop2
Figure 10, Rs at 0 V, VCC from 4.5 V to 5.1 V,
105
145
ns
output, dominant to recessive
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN55HVD251 SN65HVD251


Similar Part No. - SN65HVD251D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251D TI-SN65HVD251D Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DG4 TI-SN65HVD251DG4 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251DR TI-SN65HVD251DR Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
   High Speed Industrial CAN Transceiver
REV. 0
logo
Infineon Technologies A...
IFX1051LE INFINEON-IFX1051LE_15 Datasheet
1Mb / 31P
   Industrial High Speed CAN-FD Transceiver
Rev. 0.92, 2015-07-28
IFX1051 INFINEON-IFX1051 Datasheet
992Kb / 30P
   Industrial High Speed CAN-FD Transceiver
Rev. 1.0 2017-03-15
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com