Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C26BFJM Datasheet(PDF) 5 Page - Texas Instruments

Part # SM320C26BFJM
Description  DIGITAL SIGNAL PROCESSOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26BFJM Datasheet(HTML) 5 Page - Texas Instruments

  SM320C26BFJM Datasheet HTML 1Page - Texas Instruments SM320C26BFJM Datasheet HTML 2Page - Texas Instruments SM320C26BFJM Datasheet HTML 3Page - Texas Instruments SM320C26BFJM Datasheet HTML 4Page - Texas Instruments SM320C26BFJM Datasheet HTML 5Page - Texas Instruments SM320C26BFJM Datasheet HTML 6Page - Texas Instruments SM320C26BFJM Datasheet HTML 7Page - Texas Instruments SM320C26BFJM Datasheet HTML 8Page - Texas Instruments SM320C26BFJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
SMJ320C26
DIGITAL SIGNAL PROCESSOR
SGUS 016A – AUGUST 1990 – REVISED AUGUST 2001
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
architecture
The SMJ320C26 architecture is based on the SMJ320C25 with a different internal RAM and ROM configuration.
The SMJ320C26 integrates 256 words of on-chip ROM and 1568 words of on-chip RAM compared to 4K words
of on-chip ROM and 544 words of on-chip RAM for the SMJ320C25. The SMJ320C26 is pin for pin compatible
with the SMJ320C25.
Increased throughput on the SMJ320C26 for many DSP applications is accomplished by means of single cycle
multiply/accumulate instructions with a data move option, eight auxiliary registers with a dedicated arithmetic
unit, and faster I/O necessary for data intensive signal processing.
The architectural design of the SMJ320C26 emphasizes overall speed, communication, and flexibility in the
processor configuration. Control signals and instructions provide floating point support, block memory transfers,
communication to slower off-chip devices, and multiprocessing implementations.
Three large on-chip RAM blocks, configurable either as separate program and data spaces or as three
contiguous data blocks, provide increased flexibility in system design. Programs of up to 256 words can be
masked into the internal program ROM. The remainder of the 64K-word program memory space is located
externally. Large programs can execute at full speed from this memory space. Programs can also be
downloaded from slow external memory to high speed on-chip RAM. A data memory address space of 64K
words is included to facilitate implementation of DSP algorithms. The VLSI implementation of the SMJ320C26
incorporates all of these features as well as many others, including a hardware timer, serial port, and block data
transfer capabilities.
32-bit ALU accumulator
The SMJ320C26 32-bit Arithmetic Logic Unit (ALU) and accumulator perform a wide range of arithmetic and
logic instructions, the majority of which execute in a single clock cycle. The ALU executes a variety of branch
instructions dependent on the status of the ALU or a single bit in a word. These instructions provide the following
capabilities:
D Branch to an address specified by the accumulator.
D Normalize fixed point numbers contained in the accumulator.
D Test a specified bit of a word in data memory.
One input to the ALU is always provided from the accumulator, and the other input may be provided from the
Product Register (PR) of the multiplier or the input scaling shifter which has fetched data from the RAM on the
data bus. After the ALU has performed the arithmetic or logical operations, the result is stored in the
accumulator.
The 32-bit accumulator is split into two 16-bit segments for storage in data memory. Additional shifters at the
output of the accumulator perform shifts while the data is being transferred to the data bus for storage. The
contents of the accumulator remain unchanged.
scaling shifter
The SMJ320C26 scaling shifter has a 16-bit input connected to the data bus and a 32-bit output connected to
the ALU. The scaling shifter produces a left shift of 0 to 16-bits on the input data, as specified in the instruction
word. The LSBs of the output are filled with zeroes, and the MSBs may be either filled with zeroes or sign
extended, depending upon the value of the SXM (sign extension mode) bit of status register STO.
16
× 16 bit parallel multiplier
The SMJ320C26 has a 16
× 16 bit-hardware multiplier, which is capable of computing a signed or unsigned
32-bit product in a single machine cycle. The multiplier has the following two associated registers:
D A 16-bit Temporary Register (TR) that holds one of the operands for the multiplier, and
D A 32-bit Product Register (PR) that holds the product.


Similar Part No. - SM320C26BFJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C26BFJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com