Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11634 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX11634
Description  12-Bit, 300ksps ADCs with Differential
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX11634 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX11634 Datasheet HTML 13Page - Maxim Integrated Products MAX11634 Datasheet HTML 14Page - Maxim Integrated Products MAX11634 Datasheet HTML 15Page - Maxim Integrated Products MAX11634 Datasheet HTML 16Page - Maxim Integrated Products MAX11634 Datasheet HTML 17Page - Maxim Integrated Products MAX11634 Datasheet HTML 18Page - Maxim Integrated Products MAX11634 Datasheet HTML 19Page - Maxim Integrated Products MAX11634 Datasheet HTML 20Page - Maxim Integrated Products MAX11634 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
12-Bit, 300ksps ADCs with Differential
Track/Hold, and Internal Reference
______________________________________________________________________________________
17
Output Data Format
Figures 4–7 illustrate the conversion timing for the
MAX11634–MAX11637. The 12-bit conversion result is
output in MSB-first format with four leading zeros. DIN
data is latched into the serial interface on the rising
edge of SCLK. Data on DOUT transitions on the falling
edge of SCLK. Conversions in clock modes 00 and 01
are initiated by CNVST. Conversions in clock modes 10
and 11 are initiated by writing an input data byte to the
conversion register. Data is binary for unipolar mode and
two’s complement for bipolar mode.
BIT NAME
BIT
FUNCTION
UCH0/1
7 (MSB)
Set to 1 to configure AIN0 and AIN1 for unipolar differential conversion
UCH2/3
6
Set to 1 to configure AIN2 and AIN3 for unipolar differential conversion
UCH4/5
5
Set to 1 to configure AIN4 and AIN5 for unipolar differential conversion
UCH6/7
4
Set to 1 to configure AIN6 and AIN7 for unipolar differential conversion
X
3
Don’t care
X
2
Don’t care
X
1
Don’t care
X
0 (LSB)
Don’t care
Table 4. Unipolar Mode Register (Addressed Through Setup Register)
BIT NAME
BIT
FUNCTION
BCH0/1
7 (MSB)
Set to 1 to configure AIN0 and AIN1 for bipolar differential conversion
BCH2/3
6
Set to 1 to configure AIN2 and AIN3 for bipolar differential conversion
BCH4/5
5
Set to 1 to configure AIN4 and AIN5 for bipolar differential conversion
BCH6/7
4
Set to 1 to configure AIN6 and AIN7 for bipolar differential conversion
X
3
Don’t care
X
2
Don’t care
X
1
Don’t care
X
0 (LSB)
Don’t care
Table 5. Bipolar Mode Register (Addressed Through Setup Register)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn