Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11634 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MAX11634
Description  12-Bit, 300ksps ADCs with Differential
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX11634 Datasheet(HTML) 9 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
12-Bit, 300ksps ADCs with Differential
Track/Hold, and Internal Reference
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VDD = 3V, VREF = 2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C for MAX11635/MAX11637, unless otherwise noted. VDD = 5V,
VREF = 4.096V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C for MAX11634/MAX11636, unless otherwise noted.)
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.7
0.9
1.1
1.3
1.5
0.5
-40
85
MAX11635/MAX11637
fSAMPLE = 300ksps
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.95
4.85
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
4.75
5.25
MAX11634/MAX11636
fSAMPLE = 300ksps
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
3.3
3.0
-0.4
-0.3
-0.2
-0.1
0
-0.5
2.7
3.6
MAX11635/MAX11637
fSAMPLE = 300ksps
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.6
-0.2
0.2
0.6
1.0
-1.0
-40
85
MAX11634/MAX11636
fSAMPLE = 300ksps
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.3
-0.1
0.1
0.3
0.5
-0.5
-40
85
MAX11635/MAX11637
fSAMPLE = 300ksps
-10
-6
-8
-2
-4
0
2
04
26
8
10
SAMPLING ERROR
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (k
Ω)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn