Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2604-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2604-Q1
Description  DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2604-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2604-Q1 Datasheet HTML 2Page - Texas Instruments OPA2604-Q1 Datasheet HTML 3Page - Texas Instruments OPA2604-Q1 Datasheet HTML 4Page - Texas Instruments OPA2604-Q1 Datasheet HTML 5Page - Texas Instruments OPA2604-Q1 Datasheet HTML 6Page - Texas Instruments OPA2604-Q1 Datasheet HTML 7Page - Texas Instruments OPA2604-Q1 Datasheet HTML 8Page - Texas Instruments OPA2604-Q1 Datasheet HTML 9Page - Texas Instruments OPA2604-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA2604Q1
DUAL FET INPUT, LOW DISTORTION
OPERATIONAL AMPLIFIER
SGLS209 − NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
SETTLING TIME vs CLOSED−LOOP GAIN
Closed−Loop Gain (V/V)
−1
5
4
3
2
1
0
−10
−100
−1000
0.01%
0.1%
VO = 10V Step
RL = 1k
CL = 50pF
Figure 14
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
10
160
140
120
100
80
100
1k
10k
100k
VO =
20Vp−p
A
B
RL
RL = 1k
RL =
Measured
Output
Figure 15
MAXIMUM OUTPUT VOLTAGE SWING vs FREQUENCY
Frequency (Hz)
10k
30
20
10
0
100k
1M
10M
VS = ± 15 V
Figure 16
SUPPLY CURRENT vs TEMPERATURE
−75
14
12
10
8
6
−50
−25
0
25
50
75
100
125
VS =
±24VDC
VS =
±15VDC
VS =
±5VDC
Total for Both Op Amps
Ambient Temperaturre (
°C)
Figure 17
−10
FPO
Bleed to edge
0
5
10
+10
LARGE−SIGNAL TRANSIENT RESPONSE
Time ( us)
Figure 18
µs
2
µs
+100
−100
SMALL−SIGNAL TRANSIENT RESPONSE
Time ( us)
0
1


Similar Part No. - OPA2604-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
More results

Similar Description - OPA2604-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604 TI1-OPA2604 Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com