Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C6414-EP Datasheet(PDF) 5 Page - Texas Instruments

Part # SM320C6414-EP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6414-EP Datasheet(HTML) 5 Page - Texas Instruments

  SM320C6414-EP Datasheet HTML 1Page - Texas Instruments SM320C6414-EP Datasheet HTML 2Page - Texas Instruments SM320C6414-EP Datasheet HTML 3Page - Texas Instruments SM320C6414-EP Datasheet HTML 4Page - Texas Instruments SM320C6414-EP Datasheet HTML 5Page - Texas Instruments SM320C6414-EP Datasheet HTML 6Page - Texas Instruments SM320C6414-EP Datasheet HTML 7Page - Texas Instruments SM320C6414-EP Datasheet HTML 8Page - Texas Instruments SM320C6414-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
1.4.2 Device Compatiblity
SM320C6414-EP, SM320C6415-EP, SM320C6416-EP
FIXED-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS043D – MAY 2003 – REVISED SEPTEMBER 2008
The C64x generation of devices has a diverse and powerful set of peripherals. The common peripheral set
and pin compatibility that the C6414, C6415, and C6416 devices offer lead to easier system designs and
faster time to market. Table 1-2 identifies the peripherals and coprocessors that are available on the
C6414, C6415, and C6416 devices.
The C6414, C6415, and C6416 devices are pin-for-pin compatible, provided the following conditions are
met:
• All devices use the same peripherals.
The C6414 is pin-for-pin compatible with the C6415/C6416 when the PCI and UTOPIA peripherals
on the C6415/C6416 are disabled.
The C6415 is pin-for-pin compatible with the C6416 when they are in the same peripheral selection
mode. For more information on peripheral selection, see the Device Configurations section of this
data manual.
• The BEA[9:7] pins are properly pulled up/down.
For more details on the device-specific BEA[9:7] pin configurations, see the Terminal Functions
table of this data manual.
Table 1-2. Peripherals and Coprocessors Available on C6414, C6415, and C6416 Devices(1) (2)
PERIPHERALS/COPROCESSORS
C6414
C6415
C6416
EMIFA (64-bit bus width)
EMIFB (16-bit bus width)
EDMA (64 independent channels)
HPI (32- or 16-bit user selectable)
PCI (32 bit) (specification v2.2)
McBSPs (McBSP0, McBSP1, McBSP2)
UTOPIA (8-bit mode) (specification v1.0)
Timers (32 bit) (TIMER0, TIMER1, TIMER2)
GPIOs (GP[15:0])
VCP/TCP coprocessors
(1)
— denotes peripheral/coprocessor is not available on this device.
(2)
Not all peripherals pins are available at the same time. (For more details, see the Device Configuration section.)
Submit Documentation Feedback
Introduction
5


Similar Part No. - SM320C6414-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C6414-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com