Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9455803QYA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9455803QYA
Description  DIGITAL SIGNAL PROCESSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9455803QYA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9455803QYA Datasheet HTML 7Page - Texas Instruments 5962-9455803QYA Datasheet HTML 8Page - Texas Instruments 5962-9455803QYA Datasheet HTML 9Page - Texas Instruments 5962-9455803QYA Datasheet HTML 10Page - Texas Instruments 5962-9455803QYA Datasheet HTML 11Page - Texas Instruments 5962-9455803QYA Datasheet HTML 12Page - Texas Instruments 5962-9455803QYA Datasheet HTML 13Page - Texas Instruments 5962-9455803QYA Datasheet HTML 14Page - Texas Instruments 5962-9455803QYA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50 Ω
Where:
IOL
=
2.0 mA (all outputs)
IOH
=
300 μA (all outputs)
VLOAD
=1.5 V
CT
=
80 pF typical load circuit capacitance
Figure 1. Test Load Circuit
signal transition levels
Transistor-to-transistor logic (TTL) output levels are driven to a minimum logic-high level of 2.4 V and to a
maximum logic-low level of 0.6 V. Figure 2 shows the TTL-level outputs.
0.6 V
1V
2V
2.4 V
Figure 2. TTL-Level Outputs
TTL-output transition times are specified as follows:
D
For a high-to-low transition, the level at which the output is said to be no longer high is 2 V, and the level
at which the output is said to be low is 1 V.
D
For a low-to-high transition, the level at which the output is said to be no longer low is 1 V, and the level
at which the output is said to be high is 2 V.
Figure 3 shows the TTL-level inputs.
2.2 V
0.6 V
Figure 3. TTL-Level Inputs
TTL-compatible input transition times are specified as follows:
D
For a high-to-low transition on an input signal, the level at which the input is said to be no longer high
is 2 V, and the level at which the input is said to be low is 0.8 V.
D
For a low to high transisiton on an input signal, the level at which the input is said to be no longer low
is 0.8 V, and the level at which the input is said to be high is 2 V.


Similar Part No. - 5962-9455803QYA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9455501M3A TI-5962-9455501M3A Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
5962-9455501M3A TI1-5962-9455501M3A Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
5962-9455501MRA TI-5962-9455501MRA Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
5962-9455501MRA TI1-5962-9455501MRA Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
5962-9455501MXA TI-5962-9455501MXA Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Similar Description - 5962-9455803QYA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com