Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9455803QXA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9455803QXA
Description  DIGITAL SIGNAL PROCESSOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9455803QXA Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-9455803QXA Datasheet HTML 6Page - Texas Instruments 5962-9455803QXA Datasheet HTML 7Page - Texas Instruments 5962-9455803QXA Datasheet HTML 8Page - Texas Instruments 5962-9455803QXA Datasheet HTML 9Page - Texas Instruments 5962-9455803QXA Datasheet HTML 10Page - Texas Instruments 5962-9455803QXA Datasheet HTML 11Page - Texas Instruments 5962-9455803QXA Datasheet HTML 12Page - Texas Instruments 5962-9455803QXA Datasheet HTML 13Page - Texas Instruments 5962-9455803QXA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
-- 0.3 V to 7 V
.............................................
Input voltage range
-- 0.3Vto7V
...............................................................
Output voltage range
-- 0.3Vto7V
.............................................................
Operating case temperature range, TC
-- 55°C to 125°C
............................................
Storage temperature range, Tstg
-- 65°C to 150°C
..................................................
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
CLKIN, CLKIN2
3.0
VDD + 0.3
V
VIH
High-level input voltage
CLKX, CLKR, TCLKX, TCLKR
2.5
VDD + 0.3
V
VIH
High level input voltage
All others
2.2
VDD + 0.3
V
VIL
Low-level input voltage
-- 0.3
0.6
V
IOH
High-level output current
-- 300
μA
IOL
Low-level output current
2
mA
TC
Operating case temperature (see Note 2)
-- 55
125
°C
This IOH can be exceeded when using a 1-KΩ pulldown resistor on the TDM serial port TADD output; however, this output still meets VOH
specifications under these conditions.
NOTE 2: TC MAX at maximum rated operating conditions at any point on case. TC MIN at initial (time zero) power up.
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS§
MIN
TYP
MAX
UNIT
VOH
High-level output voltage#
IOH =MAX
2.4
3
V
VOL
Low-level output voltage
IOL =MAX
0.3
0.6
V
I
High-impedance output
BR (with internal pullup)
-- 500
||
30
A
IOZ
High impedance output
current (VDD = MAX)
All others
-- 30
||
30
μA
TRST (with internal pulldown)
-- 30
||
800
I
Input current
TMS, TCK, TDI (with internal pullups)
-- 500
||
30
μA
II
Input current
(VI =VSS to VDD)
X2/CLKIN
-- 50
||
50
μA
SS
All other inputs
-- 30
||
30
μA
IDDC
Supply current, core CPU
Operating,
TA =25°C,
VDD =5.25V, fx =50MHz
60
225
mA
IDDP
Supply current, pins
Operating,
TA =25°C,
VDD =5.25V, fx =50MHz
40
225
mA
I
Supply current standby
IDLE instruction,
TC = 125°C,
VDD =5.25V, fx =50MHz
30
mA
IDD
Supply current, standby
IDLE2 instruction, Clocks shut off, TC =125°C,
VDD =5.25 V
7
μA
Ci
Input capacitance
15
40
pF
Co
Output capacitance
15
40
pF
§ For conditions shown as MIN/MAX, use the appropriate value specified under recommended operating conditions.
All typical or nominal values are at VDD =5V, TA (ambient air temperature)= 25°C.
# All input and output voltage levels are TTL-compatible. Figure 1 shows the test load circuit; Figure 2 and Figure 3 show the voltage reference
levels.
|| These values are not specified pending detailed characterization.


Similar Part No. - 5962-9455803QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9455501M3A TI-5962-9455501M3A Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
5962-9455501M3A TI1-5962-9455501M3A Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
5962-9455501MRA TI-5962-9455501MRA Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
5962-9455501MRA TI1-5962-9455501MRA Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
5962-9455501MXA TI-5962-9455501MXA Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Similar Description - 5962-9455803QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com