Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG104FA-2.7 Datasheet(PDF) 4 Page - Texas Instruments

Part # REG104FA-2.7
Description  1A Low-Dropout Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG104FA-2.7 Datasheet(HTML) 4 Page - Texas Instruments

  REG104FA-2.7 Datasheet HTML 1Page - Texas Instruments REG104FA-2.7 Datasheet HTML 2Page - Texas Instruments REG104FA-2.7 Datasheet HTML 3Page - Texas Instruments REG104FA-2.7 Datasheet HTML 4Page - Texas Instruments REG104FA-2.7 Datasheet HTML 5Page - Texas Instruments REG104FA-2.7 Datasheet HTML 6Page - Texas Instruments REG104FA-2.7 Datasheet HTML 7Page - Texas Instruments REG104FA-2.7 Datasheet HTML 8Page - Texas Instruments REG104FA-2.7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SBVS025G
REG104
4
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
0
200
100
600
500
400
300
700
800 900 1000
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
Output Current (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 10mA at +25°C)
+125
°C
+25
°C
–55
°C
0
200
600
400
800
1000
350
300
250
200
150
100
50
0
I
OUT (mA)
DC DROPOUT VOLTAGE vs I
OUT
+125
°C
+25
°C
–55
°C
–60
–40
–20
40
60
0
20
100
80
120
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
Temperature (
°C)
OUTPUT VOLTAGE CHANGE vs I
OUT
(Output Voltage % Change Referred to
I
OUT = 10mA at +25°C)
I
OUT = 10mA
I
OUT = 200mA
I
OUT = 1000mA
–75
–50
–25
25
50
0
100
75
125
350
300
250
200
150
100
50
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
I
OUT = 1000mA
I
OUT = 200mA
I
OUT = 10mA
–75
–50
–25
25
50
0
100
75
125
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V to 16V)
I
OUT = 10mA
I
OUT = 200mA
02
68
410
12
0.5
0
–0.5
–1
–1.5
–2
Input Voltage Above V
OUT (V)
OUTPUT VOLTAGE CHANGE vs V
IN
(Output Voltage % Change Referred to
V
IN = VOUT + 1V at IOUT = 10mA)
I
OUT = 10mA
I
OUT = 1000mA
I
OUT = 200mA


Similar Part No. - REG104FA-2.7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG104FA-2.7 TI-REG104FA-2.7 Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
logo
Burr-Brown (TI)
REG104FA-2.7 BURR-BROWN-REG104FA-2.7 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104FA-2.7/500 TI-REG104FA-2.7/500 Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
REG104FA-2.7/500G3 TI-REG104FA-2.7/500G3 Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
REG104FA-2.7/KTTT TI-REG104FA-2.7/KTTT Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
More results

Similar Description - REG104FA-2.7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com