Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12020WAST Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020WAST
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12020WAST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH12020WAST Datasheet HTML 5Page - Texas Instruments PTH12020WAST Datasheet HTML 6Page - Texas Instruments PTH12020WAST Datasheet HTML 7Page - Texas Instruments PTH12020WAST Datasheet HTML 8Page - Texas Instruments PTH12020WAST Datasheet HTML 9Page - Texas Instruments PTH12020WAST Datasheet HTML 10Page - Texas Instruments PTH12020WAST Datasheet HTML 11Page - Texas Instruments PTH12020WAST Datasheet HTML 12Page - Texas Instruments PTH12020WAST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PTH12020W/L
www.ti.com ............................................................................................................................................................. SLTS208I – MAY 2003 – REVISED MARCH 2009
Table 3. Output Voltage Set-Point Resistor Values
PTH12020W
PTH12020L
VOUT (V)
RSET (kΩ)
VOUT (V)
RSET (kΩ)
VOUT
RSET (kΩ)
1.200
Open
2.70
3.51
0.800
Open
1.225
318.0
2.75
3.34
0.825
312.0
1.250
158.0
2.80
3.18
0.850
152.0
1.275
105.0
2.85
3.03
0.875
98.8
1.300
78.2
2.90
2.89
0.900
72.1
1.325
67.2
2.95
2.75
0.925
56.1
1.350
51.5
3.00
2.62
0.950
45.5
1.375
43.9
3.05
2.50
0.975
37.8
1.400
38.2
3.10
2.39
1.000
32.1
1.425
33.7
3.15
2.28
1.025
27.7
1.450
30.2
3.20
2.18
1.050
24.1
1.475
27.3
3.25
2.08
1.075
21.2
1.50
24.8
3.30
1.99
1.100
18.8
1.55
21.0
3.35
1.90
1.125
16.7
1.60
18.2
3.40
1.82
1.150
15.0
1.65
16.0
3.50
1.66
1.175
13.5
1.70
14.2
3.60
1.51
1.200
12.1
1.75
12.7
3.70
1.38
1.225
11.0
1.80
11.5
3.80
1.26
1.250
9.91
1.85
10.5
3.90
1.14
1.275
8.97
1.90
9.61
4.00
1.04
1.300
8.13
1.95
8.85
4.10
0.939
1.325
7.37
2.00
8.18
4.20
0.847
1.350
6.68
2.05
7.59
4.30
0.761
1.375
6.04
2.10
7.07
4.40
0.680
1.400
5.46
2.15
6.60
4.50
0.604
1.425
4.93
2.20
6.18
4.60
0.533
1.450
4.44
2.25
5.80
4.70
0.466
1.475
3.98
2.30
5.45
4.80
0.402
1.50
3.56
2.35
5.14
4.90
0.342
1.55
2.8
2.40
4.85
5.00
0.285
1.60
2.13
2.45
4.58
5.10
0.231
1.65
1.54
2.50
4.33
5.20
0.180
1.70
1.02
2.55
4.11
5.30
0.131
1.75
0.551
2.60
3.89
5.40
0.085
1.80
0.130
2.65
3.70
5.50
0.041
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :PTH12020W/L


Similar Part No. - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12020WAST TI-PTH12020WAST Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12020WAST ARTESYN-PTH12020WAST Datasheet
260Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12020WAST EMERSON-NETWORKPOWER-PTH12020WAST Datasheet
260Kb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTH12020WAST

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com