Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48580BAH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48580BAH
Description  Dual Complementary-Output DC/DC Converter for DSL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48580BAH Datasheet(HTML) 3 Page - Texas Instruments

  PTB48580BAH Datasheet HTML 1Page - Texas Instruments PTB48580BAH Datasheet HTML 2Page - Texas Instruments PTB48580BAH Datasheet HTML 3Page - Texas Instruments PTB48580BAH Datasheet HTML 4Page - Texas Instruments PTB48580BAH Datasheet HTML 5Page - Texas Instruments PTB48580BAH Datasheet HTML 6Page - Texas Instruments PTB48580BAH Datasheet HTML 7Page - Texas Instruments PTB48580BAH Datasheet HTML 8Page - Texas Instruments PTB48580BAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and further information visit http://power.ti.com
PTB48580A
Dual Complementary-Output
DC/DC Converter for DSL
SLTS240 DECEMBER 2004
Specifications (Unless otherwise stated, T
A =25°C, VI =48 V, CI =0 µF, ±CO =0 µF, |+IO | = |–IO |, and |±IO | =0.5 |±IO |max)
PTB48580A
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Power
PO
Total output power from ±VO
0—
30 (1)
W
Output Current
|±I
O |
Over V
I range, |+IO | – |–IO | ≤ 0.1 A
0
3
(2)
A
Output Load Imbalance
|+I
O | – |–IO ||+IO | ≥0.1 A, |–IO | ≥ 0.1 A
0
1
(3)
A
Output Voltage
|±V
O |
Inlcudes set-point, line,
|+I
O | – |–IO | ≤ 0.1 A
4.75 (2)
5
5.25 (2)
V
–40
≤T
A ≤+85°C
Temperature Variation
∆Reg
temp
–40
≤T
A ≤ +85°C, |±IO | =0.1 A
±VO
—±1
—%VO
Line Regulation
∆Reg
line
Over V
I range, balanced load
±V
O
±0.1
±0.4
%V
O
Load Regulation
∆Reg
load
Over ±IO range, balanced load
±VO
±0.2
±0.4
%VO
Efficiency
η
P
O =PO max
86
%
Vo Ripple (pk-pk)
±Vr
20 MHz bandwidth,
25
50 (4)
mVpp
CO =10 µF tantalum capacitor
Transient Response
tS
0.1 A/µs load step, 50% to 75% ±IO max
30
µs
∆V
O pk
|±V
O| over/undershoot
±1
%VO
Over Current Threshold
IOtrip
VI =36 V
3.3
4.3
5.3
A
reset followed by auto-recovery
Short Circuit Current
Continuous over-current trip,
|±I
O |PK
6.5
A
|+I
O | = |–IO |
Duty
10
%
Output Voltage Adjust Range
|±V
O | adj
|+V
O | and |–VO | adjust simulataneously
3.5
6 (5)
V
Switching Frequency
ƒS
Over VI and IO ranges
440
470 (6)
500
kHz
Under-Voltage Lockout
V
Ion
V
I increasing
33
V
V
Ioff
V
I decreasing
32
On/Off Enable (pin 3)
Referenced to –VI (pin 4)
Input High Voltage
VIH
+3.6
+75 (7)
V
Input Low Voltage
V
IL
–0.2
+0.8
Input Low Current
IIL
——–1
mA
Standby Input Current
I
I standby
pin 3 open circuit
2
mA
Start-up Time
tON
|±I
O | =1 A, |±VO | rising 0 to 0.95 |±VO | TYP
—10
—ms
Internal Input Capacitance
C
I
—2
—µF
External Output Capacitance
CO
Capacitance from either output to COM (pin 6)
0
2,000 (8)
µF
Reliability
MTBF
Per Telcordia SR-332
2.8
106 Hrs
50% stress, TA =40°C, ground benign
Notes:
(1) See Safe Operating Area curves or contact the factory for the appropriate derating.
(2) Under balanced load conditions, load current flowing out of +V
O is balanced to within ±0.1 A of that flowing into –VO .
(3) A load imbalance is the difference in current flowing from +V
O to –VO . The module can operate with a higher imbalance but with reduced specifications.
(4) Output voltage ripple is measured with a 10 µF tantalum capacitor connected from +V
O (pin 5) or –VO (pin 8), to COM (pin 6).
(5) When the output voltage is adjusted higher than the nominal output voltage the load current must not exceed the module’s maximum power rating.
(6) This is the free-running frequency. The module can be made to synchronize with the PTB48500 when both modules are used together in a system.
(7) The On/Off Enable (pin 3) has an internal pull-up and may be controlled with an open-collector (or open-drain) transistor. The input is diode protected
and may be connected to +V
I . The open-circuit voltage is 7 V max. If it is left open circuit the converter will operate when input power is applied.
(8) Electrolytic capacitors with very low equivalent series resistance (ESR) may induce instability when used on the output. Consult the factory before using
capacitors with organic, or polymer-aluminum type electrolytes.
Not Recommended for New Designs


Similar Part No. - PTB48580BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580BAH TI1-PTB48580BAH Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
PTB48580BAH TI1-PTB48580BAH Datasheet
608Kb / 13P
[Old version datasheet]   Dual Complementary-Output
More results

Similar Description - PTB48580BAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com