Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET2511TA Datasheet(PDF) 11 Page - Texas Instruments

Part # ONET2511TA
Description  2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET2511TA Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET2511TA Datasheet HTML 4Page - Texas Instruments ONET2511TA Datasheet HTML 5Page - Texas Instruments ONET2511TA Datasheet HTML 6Page - Texas Instruments ONET2511TA Datasheet HTML 7Page - Texas Instruments ONET2511TA Datasheet HTML 8Page - Texas Instruments ONET2511TA Datasheet HTML 9Page - Texas Instruments ONET2511TA Datasheet HTML 10Page - Texas Instruments ONET2511TA Datasheet HTML 11Page - Texas Instruments ONET2511TA Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
ONET2511TAY
NRND
DIESALE
Y
0
Green (RoHS
& no Sb/Br)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - ONET2511TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTR TI-ONET2511PARGTR Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTRG4 TI-ONET2511PARGTRG4 Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTT TI-ONET2511PARGTT Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTTG4 TI-ONET2511PARGTTG4 Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
More results

Similar Description - ONET2511TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com