Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48580A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48580A
Description  Dual Complementary-Output DC/DC Converter for DSL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48580A Datasheet(HTML) 4 Page - Texas Instruments

  PTB48580A Datasheet HTML 1Page - Texas Instruments PTB48580A Datasheet HTML 2Page - Texas Instruments PTB48580A Datasheet HTML 3Page - Texas Instruments PTB48580A Datasheet HTML 4Page - Texas Instruments PTB48580A Datasheet HTML 5Page - Texas Instruments PTB48580A Datasheet HTML 6Page - Texas Instruments PTB48580A Datasheet HTML 7Page - Texas Instruments PTB48580A Datasheet HTML 8Page - Texas Instruments PTB48580A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
Under a balanced load, current flowing out of +VO is equal to that flowing into –VO.
Note C:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 2 oz. copper.
Typical Characteristics
PTB48580A Characteristic Data @VI =48 V (See Notes A)
Efficiency vs Load Current
(See Note B)
Power Dissipation vs Load Current
(See Note B)
Safe Operating Area PTB48580A (See Note C)
Balanced Load, V
I =48 VDC (See Note B)
Cross Regulation,
∆|+V
O| vs |–IO|, with |+IO| = 1 A
Cross Regulation,
∆|–V
O| vs |+IO|, with |–IO| = 1 A
PTB48580A
Dual Complementary-Output
DC/DC Converter for DSL
SLTS240 DECEMBER 2004
40
50
60
70
80
90
00.5
11.5
22.5
3
|±I
O| – Balanced Output Current – A
0
1
2
3
4
5
6
00.5
11.52
2.5
3
|±I
O| – Balanced Output Current – A
20
30
40
50
60
70
80
90
00.5
11.5
22.5
3
|±I
O| – Balanced Output Current – A
400LFM
200LFM
100LFM
Nat conv
Airflow
-300
-200
-100
0
100
200
300
00.5
11.52
2.5
3
|–I
O| – Output Current – A
-300
-200
-100
0
100
200
300
0
0.5
11.522.53
|+I
O| – Output Current – A
Not Recommended for New Designs


Similar Part No. - PTB48580A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48580AAH TI1-PTB48580AAH Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
PTB48580AAH TI1-PTB48580AAH Datasheet
608Kb / 13P
[Old version datasheet]   Dual Complementary-Output
PTB48580AAH TI1-PTB48580AAH_14 Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
PTB48580AAS TI1-PTB48580AAS Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
PTB48580AAS TI1-PTB48580AAS Datasheet
608Kb / 13P
[Old version datasheet]   Dual Complementary-Output
More results

Similar Description - PTB48580A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
[Old version datasheet]   85 W Dual Complementary-Output DC/DC Converter for DSL
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com