Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6121 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6121
Description  1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6121 Datasheet(HTML) 3 Page - Texas Instruments

  PT6121 Datasheet HTML 1Page - Texas Instruments PT6121 Datasheet HTML 2Page - Texas Instruments PT6121 Datasheet HTML 3Page - Texas Instruments PT6121 Datasheet HTML 4Page - Texas Instruments PT6121 Datasheet HTML 5Page - Texas Instruments PT6121 Datasheet HTML 6Page - Texas Instruments PT6121 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application
Notes
PT6100/6120/6210/6220/6300/6320 Series
Adjusting the Output Voltage of Power Trends’
Wide Input Range Bus ISRs
The output voltage of the Power Trends’ Wide Input Range
Series ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single external
resistor. Table 1 accordingly gives the allowable adjustment
range for each model for either series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 12 (Vo adjust) and pins 5-8
(GND).
Adjust Down:
Add a resistor (R1), between pin 12 (Vo adjust)
and pins 9-11(Vout).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor; either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2 loca-
tion. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND or
Vout. Any capacitance added to the Vo adjust pin will affect
the stability of the ISR.
4. Adjustments to the output voltage may place additional
limits on the maximum and minimum input voltage for the
part. The revised maximum and minimum input voltage
limits must comply with the following requirements. Note
that the minimum input voltage limits are also model depen-
dant.
Vin (max) = (8 x Va)V or *30/38V,
whichever is less.
*Limit is 30V when inhibit function is active.
PT6x0x/PT6x1x series:
Vin (min) = (Va + 4)V or 9V,
whichever is greater.
PT6x2x series:
Vo <10V;
Vin (min) = (Va + 2.0)V or 7.0V,
whichever is greater.
Vo ≥10V;
Vin (min) = (Va + 2.5)V
Figure 1
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Va – 1.25)
(R1)
=
Vo – Va
k
1.25 Ro
k
R2
=
Va – Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value fromTable 1
Table 1
ISR ADJUSTMENT RANGE AND FORMULA PARAMETERS
1Adc Rated
PT6102
PT6101
PT6103
PT6122
PT6121
2Adc Rated
PT6213
PT6212
PT6214
PT6223
PT6222
3Adc Rated
PT6303
PT6302
PT6304
PT6323
PT6322
Vo (nom)
3.3
5.0
5.0
12.0
Va (min)
1.89
1.88
2.18
2.43
Va (max)
6.07
11.25
8.5
22.12
Ro (k
Ω)
66.5
150.0
90.9
243.0
R2
Adjust Up
C1
1
µF Ceramic
(Optional)
C2
100
µF
(Req'd)
Vo
COM
COM
Vin
+
(R1)
Adj Down
PT6100/6200/6300
9,10,11
12
5,6,7,8
2,3,4
Vin
V o
G N D
Vo(adj)
More Application Notes


Similar Part No. - PT6121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
PT6121A TI-PT6121A Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121C TI-PT6121C Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121H TI1-PT6121H Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
PT6121J TI1-PT6121J Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
More results

Similar Description - PT6121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6320 TI-PT6320 Datasheet
541Kb / 7P
[Old version datasheet]   3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com