Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3101 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3101
Description  Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3101 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TLV320DAC3101 Datasheet HTML 79Page - Texas Instruments TLV320DAC3101 Datasheet HTML 80Page - Texas Instruments TLV320DAC3101 Datasheet HTML 81Page - Texas Instruments TLV320DAC3101 Datasheet HTML 82Page - Texas Instruments TLV320DAC3101 Datasheet HTML 83Page - Texas Instruments TLV320DAC3101 Datasheet HTML 84Page - Texas Instruments TLV320DAC3101 Datasheet HTML 85Page - Texas Instruments TLV320DAC3101 Datasheet HTML 86Page - Texas Instruments TLV320DAC3101 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
TLV320DAC3101
www.ti.com
SLAS666A – JANUARY 2010 – REVISED MAY 2012
Page 1 / Register 47 (0x2F) Through Page 1 / Register 49 (0x31): Reserved
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R
XXXX XXXX
Reserved. Do not write to these bits.
Page 1 / Register 50 (0x32): Input CM Settings
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7
R/W
0
0: AIN1 input is floating if it is not used for analog bypass.
1: AIN1 input is connected to CM internally if it is not used for analog bypass.
D6
R/W
0
0: AIN2 input is floating if it is not used for analog bypass.
1: AIN2 input is connected to CM internally if it is not used for analog bypass.
D5–D0
R/W
000000
Reserved. Write only zeros to these bits.
Page 1 / Register 51 (0x33) Through Page 1 / Register 127 (0x7F): Reserved
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
XXXX XXXX
Reserved. Write only the reset value to these bits.
6.4
Control Registers, Page 3: MCLK Divider for Programmable Delay Timer
Default values shown for this page only become valid 100
μs following a hardware or software reset.
Page 3 / Register 0 (0x00): Page Control Register
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
0000 0000
0000 0000: Page 0 selected
0000 0001: Page 1 selected
...
1111 1110: Page 254 selected
1111 1111: Page 255 selected
The only register used in page 3 is register 16. The remaining page-3 registers are reserved and should
not be written to.
Page 3 / Register 16 (0x10): Timer Clock MCLK Divider
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7
R/W
1
0: Internal oscillator is used for programmable delay timer.
1: External MCLK(1) is used for programmable delay timer.
D6–D0
R/W
0000 0001
MCLK Divider to Generate 1-MHz Clock for the Programmable Delay Timer
000 0000: MCLK divider = 128
000 0001: MCLK divider = 1
000 0010: MCLK divider = 2
...
111 1110: MCLK divider = 126
111 1111: MCLK divider = 127
(1)
External clock is used only to control the delay programmed between the conversions and not used for doing the actual conversion. This
feature is provided in case a more accurate delay is desired, because the internal oscillator frequency varies from device to device.
6.5
Control Registers, Page 8: DAC Programmable Coefficients RAM Buffer A (1:63)
Default values shown for this page only become valid 100
μs following a hardware or software reset.
Page 8 / Register 0 (0x00): Page Control Register
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
0000 0000
0000 0000: Page 0 selected
0000 0001: Page 1 selected
...
1111 1110: Page 254 selected
1111 1111: Page 255 selected
Copyright © 2010–2012, Texas Instruments Incorporated
REGISTER MAP
83
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3101


Similar Part No. - TLV320DAC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com