Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3101 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3101
Description  Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3101 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV320DAC3101 Datasheet HTML 13Page - Texas Instruments TLV320DAC3101 Datasheet HTML 14Page - Texas Instruments TLV320DAC3101 Datasheet HTML 15Page - Texas Instruments TLV320DAC3101 Datasheet HTML 16Page - Texas Instruments TLV320DAC3101 Datasheet HTML 17Page - Texas Instruments TLV320DAC3101 Datasheet HTML 18Page - Texas Instruments TLV320DAC3101 Datasheet HTML 19Page - Texas Instruments TLV320DAC3101 Datasheet HTML 20Page - Texas Instruments TLV320DAC3101 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
HPVDD
HPVSS
SPKVDD
SPKVSS
AVDD
AVSS
SPKVSS
VOL/MICDET
MICBIAS
TLV320DAC3101
SPKVDD
22 F
m
0.1 F
m
0.1 F
m
22 F
m
SVDD
AVDD
AVSS
0.1 F
m
10 F
m
0.1 F
m
10 F
m
+3.3VA
1 F
m
DVDD
DVSS
IOVDD
IOVSS
0.1 F
m
10 F
m
+1.8VD
IOVDD
0.1 F
m
10 F
m
SDIN
BCLK
WCLK
MCLK
SCL
SDA
RESET
GPIO1
S0400-05
AIN1
AIN2
To External
MIC Circuitry
Analog In
SPRP
SPRM
SPLP
SPLM
HPR
HPL
8-
Speaker
W
8-
Speaker
W
Stereo
Headphone
Out
34.8 kW
25 kW
9.76 kW
TLV320DAC3101
www.ti.com
SLAS666A – JANUARY 2010 – REVISED MAY 2012
5
APPLICATION INFORMATION
5.1
Typical Circuit Configuration
Figure 5-1. Typical Circuit Configuration
5.2
Overview
The TLV320DAC3101 is a highly integrated stereo audio DAC for portable computing, communication,
and entertainment applications. A register-based architecture eases integration with microprocessor-based
systems through standard serial-interface buses. This device supports the two-wire I2C bus interface
which provides full register access. All peripheral functions are controlled through these registers and the
onboard state machines.
The TLV320DAC3101 consists of the following blocks:
Stereo Audio DAC
Dynamic Range Compressor (DRC)
Copyright © 2010–2012, Texas Instruments Incorporated
APPLICATION INFORMATION
17
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3101


Similar Part No. - TLV320DAC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com