Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE40HX640-VQ225 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ICE40HX640-VQ225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX640-VQ225 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ICE40HX640-VQ225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 9Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 10Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 11Page - Lattice Semiconductor ICE40HX640-VQ225 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
10
Internal Configuration Oscillator Frequency
Table 12 shows the operating frequency for the iCE40’s internal configuration oscillator.
Table 12: Internal Oscillator Frequency at VCC = 1.2V
Symbol
Oscillator
Mode
Frequency (MHz)
Description
Min.
Max.
fOSCD
Default
7
10
Default oscillator frequency. Slow enough to safely operate
with any SPI serial PROM.
fOSCL
Low
Frequency
21
30
Supported by most SPI serial Flash PROMs
fOSCH
High
Frequency
35
50
Supported by some high-speed SPI serial Flash PROMs
Off
0
0
Oscillator turned off by default after configuration to save
power.
Configuration Timing
Table 13 shows the maximum time to configure an iCE40HX device, by oscillator mode. The calculations use the
slowest frequency for a given oscillator mode from Table 12 and the maximum configuration bitstream size from
Table 1, which includes full RAM4K block initialization. The configuration bitstream selects the desired oscillator
mode based on the performance of the configuration data source.
Table 13: Typical SPI Master or NVCM Configuration Timing by Oscillator Mode
Symbol
Description
Device
Default
Low Freq.
High Freq.
Units
tCONFIGL
Time from when minimum
Power-on Reset (POR)
threshold is reached until
user application starts.
iCE40HX640
53
25
11
ms
iCE40HX1K
53
25
11
ms
iCE40HX4K
230
110
50
ms
iCE40HX8K
230
110
50
ms
Table 14 provides timing for the CRESET_B and CDONE pins.
Table 14: General Configuration Timing
Symbol
From
To
Description
All Grades
Units
Min.
Max.
tCRESET_B
CREST_B
CREST_B
Minimum CRESET_B Low pulse width required to restart
configuration, from falling edge to rising edge
200
ns
tDONE_IO
CDONE
High
PIO pins
active
Number of configuration clock cycles after CDONE goes
High before the PIO pins are activated.
49
Clock
cycles
SPI Peripheral Mode (Clock = SPI_SCK, cycles measured
rising-edge to rising-edge)
Depends on
SPI_SCK frequency
Table 15 provides various timing specifications for the SPI peripheral mode interface.
Table 15: SPI Peripheral Mode Timing
Symbol
From
To
Description
All Grades
Units
Min.
Max.
tCR_SCK
CRESET_B
SPI_SCK
Minimum time from a rising edge on CRESET_B until
the first SPI write operation, first SPI_SCK. During this
time, the iCE40HX FPGA is clearing its internal
configuration memory
300
µs
tSUSPISI
SPI_SI
SPI_SCK
Setup time on SPI_SI before the rising SPI_SCK clock
edge
12
ns
tHDSPISI
SPI_SCK
SPI_SI
Hold time on SPI_SI after the rising SPI_SCK clock edge
12
ns
tSPISCKH
SPI_SCK
SPI_SCK
SPI_SCK clock High time
20
ns
tSPISCKL
SPI_SCK
SPI_SCK
SPI_SCK clock Low time
20
ns
tSPISCKCYC
SPI_SCK
SPI_SCK
SPI_SCK clock period*
40
1,000
ns
FSPI_SCK
SPI_SCK
SPI_SCK
Sustained SPI_SCK clock frequency*
1
25
MHz
* = Applies after sending the synchronization pattern.


Similar Part No. - ICE40HX640-VQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX LATTICE-ICE40HX Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-CB132 LATTICE-iCE40HX1K-CB132 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-CB132 LATTICE-ICE40HX1K-CB132 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-TQ144 LATTICE-iCE40HX1K-TQ144 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-TQ144 LATTICE-ICE40HX1K-TQ144 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX640-VQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com