Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVX040A0X4-SR-P-HZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # MVX040A0X4-SR-P-HZ
Description  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MVX040A0X4-SR-P-HZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  MVX040A0X4-SR-P-HZ Datasheet HTML 1Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 2Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 3Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 4Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 5Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 6Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 7Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 8Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-isolated DC-DC Power Module
4.5 – 14.4Vdc input; 0.6Vdc to 2Vdc output; 40A output current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point (with 0.1% tolerance for
external resistor used to set output voltage)
All
VO, set
-1.0
+1.0
% VO, set
Output Voltage (Over all operating input voltage, resistive
load, and temperature conditions until end of life)
All
VO, set
-3.0
+3.0
% VO, set
Adjustment Range (selected by an external resistor)
(Some output voltages may not be possible depending
on the input voltage – see Feature Descriptions Section)
All
VO
0.6
2.0
Vdc
Remote Sense Range
All
0.5
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
5
mV
Load (IO=IO, min to IO, max)
All
10
mV
Temperature (Tref=TA, min to TA, max)
All
0.4
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max Co = 0.1μF // 22 μF
ceramic capacitors)
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
50
100
mVpk-pk
RMS (5Hz to 20MHz bandwidth)
All
20
38
mVrms
External Capacitance
1
Without the Tunable Loop
TM
ESR ≥ 1 mΩ
All
CO, max
0
TBD
μF
With the Tunable Loop
TM
ESR ≥0.15 mΩ
All
CO, max
0
TBD
μF
ESR ≥ 10 mΩ
All
CO, max
0
TBD
μF
Output Current (in either sink or source mode)
All
Io
0
40
Adc
Output Current Limit Inception (Hiccup Mode)
(current limit does not operate in sink mode)
All
IO, lim
TBD
% Io,max
Output Short-Circuit Current
All
IO, s/c
TBD
mA
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO,set = 0.6Vdc
η
TBD
%
VIN= 12Vdc, TA=25°C
VO,set = 1.2Vdc
η
TBD
%
IO=IO, max , VO= VO,set
VO,set = 1.8Vdc
η
TBD
%
Switching Frequency
All
fsw
TBD
kHz
Frequency Synchronization
All
Synchronization Frequency Range
All
510
720
kHz
High-Level Input Voltage
All
VIH
2.0
V
Low-Level Input Voltage
All
VIL
0.4
V
Input Current, SYNC
All
ISYNC
100
nA
Minimum Pulse Width, SYNC
All
tSYNC
100
ns
Maximum SYNC rise time
All
tSYNC_SH
100
ns
External capacitors may require using the new Tunable Loop
TM feature to ensure that the module is stable as well as
getting the best transient response. See the Tunable Loop
TM section for details.


Similar Part No. - MVX040A0X4-SR-P-HZ

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXA MTRONPTI-MVXA Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXB MTRONPTI-MVXB Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXC MTRONPTI-MVXC Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
More results

Similar Description - MVX040A0X4-SR-P-HZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com