Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE40HX1K-CT225 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ICE40HX1K-CT225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX1K-CT225 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ICE40HX1K-CT225 Datasheet HTML 3Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 9Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 10Page - Lattice Semiconductor ICE40HX1K-CT225 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
7
Programmable Input/Output (PIO) Block
Table 9 provides timing information for the logic in a Programmable Logic Block (PLB), which includes the paths
shown in Figure 7 and Figure 8. The timing shown is for the LVCMOS25 I/O standard in all I/O banks. The
iCEcube2 development software reports timing adjustments for other I/O standards.
Figure 7: Programmable I/O (PIO) Pad-to-Pad Timing Circuit
PAD
PIO
PAD
PIO
Figure 8: Programmable I/O (PIO) Sequential Timing Circuit
PAD
PIO
GBIN
GBUF
PAD
PIO
D
Q
INFF
D
Q
OUTFF
Table 9: Typical Programmable Input/Output (PIO) Timing (LVCMOS25)
Nominal VCC
1.2 V
units
Description
Typ.
Synchronous Output Paths
tOCKO
OUTFF
clock
input
PIO
output
Delay from clock input on OUTFF output flip-flop to PIO output
pad.
3.1
ns
tGBCKIO
GBIN
input
OUTFF
clock
input
Global Buffer Input (GBIN) delay, though Global Buffer (GBUF)
clock network to clock input on the PIO OUTFF output flip-flop.
1.4
ns
Synchronous Input Paths
tSUPDIN
PIO
input
GBIN
input
Setup time on PIO input pin to INFF input flip-flop before active
clock edge on GBIN input, including interconnect delay.
0
ns
tHDPDIN
GBIN
input
PIO
input
Hold time on PIO input to INFF input flip-flop after active clock
edge on the GBIN input, including interconnect delay.
1.6
ns
Pad to Pad
tPADIN
PIO
input
Inter-
connect
Asynchronous delay from PIO input pad to adjacent
interconnect.
1.8
ns
tPADO
Inter-
connect
PIO
output
Asynchronous delay from adjacent interconnect to PIO output
pad including interconnect delay.
3.4
ns


Similar Part No. - ICE40HX1K-CT225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
iCE40HX1K-CB132 LATTICE-iCE40HX1K-CB132 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-CB132 LATTICE-ICE40HX1K-CB132 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX1K-CT225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com