Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL206MRL Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSL206MRL
Description  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MRL Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSL206MRL Datasheet HTML 5Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 6Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 7Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 8Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 9Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 10Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 11Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 12Page - Fairchild Semiconductor FSL206MRL Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
FSL206MR • Rev. 1.0.5
www.fairchildsemi.com
Functional Description
Startup
At startup, an internal high-voltage current source
supplies the internal bias and charges the external
capacitor (CA) connected to the VCC pin, as illustrated in
Figure 15. An internal high-voltage regulator (HV REG)
located between the VSTR and VCC pins regulates the
VCC to 7.8V and supplies operating current. Therefore,
FSL206MR needs no auxiliary bias winding.
VREF
UVLO
HV/REG
7.8V
2
VSTR
3
VCC
CA
VDC,link
ICH
ISTART
Figure 15.
Startup Block
Oscillator Block
The oscillator frequency is set internally and the FPS™
has a random frequency fluctuation function.
Fluctuation of the switching frequency can reduce EMI
by spreading the energy over a wider frequency range
than the bandwidth measured by the EMI test
equipment. The amount of EMI reduction is directly
related to the range of the frequency variation. The
range of frequency variation is fixed internally; however,
its selection is randomly chosen by the combination of
an external feedback voltage and internal free-running
oscillator. This randomly chosen switching frequency
effectively spreads the EMI noise near switching
frequency and allows the use of a cost-effective inductor
instead of an AC input line filter to satisfy world-wide
EMI requirements.
Figure 16.
Frequency Fluctuation Waveform
Feedback Control
FSL206MR employs Current-Mode control, as shown in
Figure 17. An opto-coupler (such as the FOD817A) and
shunt regulator (such as the KA431) are typically used
to implement the feedback network. Comparing the
feedback voltage with the voltage across the RSENSE
resistor makes it possible to control the switching duty
cycle. When the shunt regulator reference pin voltage
exceeds the internal reference voltage of 2.5V; the opto-
coupler LED current increases, feedback voltage VFB is
pulled down, and the duty cycle is reduced. This
typically occurs when input voltage is increased or
output load is decreased.
Figure 17. Pulse-Width-Modulation (PWM) Circuit
Leading-Edge Blanking (LEB)
At the instant the internal SenseFET is turned on, the
primary-side capacitance and secondary-side rectifier
diode reverse recovery typically cause a high-current
spike through the SenseFET. Excessive voltage across
the RSENSE resistor leads to incorrect feedback operation
in the Current-Mode PWM control. To counter this
effect, the FPS employs a leading-edge blanking (LEB)
circuit (see Figure 17). This circuit inhibits the PWM
comparator for a short time (tLEB) after the SenseFET is
turned on.
Protection Circuits
The protective functions include Overload Protection
(OLP), Over-Voltage Protection (OVP), Under-Voltage
Lockout (UVLO), Line Under-Voltage Protection (LUVP),
Abnormal Over-Current Protection (AOCP), and thermal
shutdown (TSD). Because these protection circuits are
fully
integrated
inside
the
IC
without
external
components, reliability is improved without increasing
cost. Once a fault condition occurs, switching is
terminated and the SenseFET remains off. This causes
VCC to fall. When VCC reaches the UVLO stop voltage
VSTOP (7V), the protection is reset and the internal high-
voltage current source charges the VCC capacitor via the
VSTR pin. When VCC reaches the UVLO start voltage
VSTART (8V), the FPS resumes normal operation. In this
manner, auto-restart can alternately enable and disable
the switching of the power SenseFET until the fault
condition is eliminated.


Similar Part No. - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL206MRL FAIRCHILD-FSL206MRL Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FSL206MRL ONSEMI-FSL206MRL Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
FSL206MRLX ONSEMI-FSL206MRLX Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

Similar Description - FSL206MRL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com