Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE501 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE501
Description  Dual Channel x1 PCIe Redriver/Equalizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVPE501 Datasheet HTML 2Page - Texas Instruments SN65LVPE501 Datasheet HTML 3Page - Texas Instruments SN65LVPE501 Datasheet HTML 4Page - Texas Instruments SN65LVPE501 Datasheet HTML 5Page - Texas Instruments SN65LVPE501 Datasheet HTML 6Page - Texas Instruments SN65LVPE501 Datasheet HTML 7Page - Texas Instruments SN65LVPE501 Datasheet HTML 8Page - Texas Instruments SN65LVPE501 Datasheet HTML 9Page - Texas Instruments SN65LVPE501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN65LVPE501
SLLSE30A – MAY 2010 – REVISED MAY 2012
www.ti.com
Table 2. Signal Control Pin Setting
TRANSITION BIT AMPLITUDE
OSx
(TYP mVpp)
NC
1000
0
875
1
1100
DEx(1)
OSx(1) = NC
OSx(1) = 0
OSx(1) = 1
NC
–3.7 dB
–2.5 dB
–4.6 dB
0
–6.4 dB
–5.5 dB
–6.6 dB
1
–9.4 dB
–9.5 dB
–8.7 dB
EQUALIZATION dB
EQx(1)
(At GenII Speed)
NC
0
0
7
1
15
EN_RXD
DEVICE FUNCTION
Set input termination to ZDC_RX
0
and disable Rx. Detect
Perform Rx.Detect (default,
1
internally pulled to Vcc)
RST
DEVICE FUNCTION
Device in quiescent state and
0
inputs set to Hi-Z
Device not in shut_down mode
1
(default, internally pulled to Vcc)
PS
DEVICE FUNCTION
Auto-low power mode disabled
0
(default, internally pulled to GND)
1
Auto-low power mode enabled
(1)
Applies to Channel 1 and Channel 2 at 2.5 GHz.
6
Copyright © 2010–2012, Texas Instruments Incorporated


Similar Part No. - SN65LVPE501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI1-SN65LVPE502 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
   Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Texas Instruments
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
[Old version datasheet]   Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com