Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP202RGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP202RGER
Description  Gigabit 2 횞 2 CROSSPOINT SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP202RGER Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVCP202RGER Datasheet HTML 1Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 2Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 3Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 4Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 5Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 6Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 7Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 8Page - Texas Instruments SN65LVCP202RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
-W
-W
e
1A
1B
EQ
EQ
1Y
1Z
P11
P12
2
1DE
S1
0
1
2A
2B
EQ
EQ
S2
0
1
2Y
2Z
2
P21
P22
2DE
V
BB
R
T
R
T
V
BB
R
T
R
T
2x1
MUX
2x1
MUX
SN65LVCP202
SLLS914 – MARCH 2009 ................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
LOGIC DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
High Speed I/O
Differential Inputs (with 50-
xA
2, 5
termination to VBB)
Line-side differential inputs, CML compatible
xB
3, 6
xA = P; xB = N
xY
17, 14
Differential output xY = P; xZ = N
Switch-side differential outputs, VML
xZ
16, 13
Control Signals
Data enable; active-low; LVTTL; when not enabled, the output
xDE
24, 7
Input
is in high-impedance state for power savings.
S1, S2
1, 18
Input; S1 = channel 1
Switching selection; LVTTL
P11–P22
22, 21, 9, 10
Input; P11 = channel 1 bit 1
Output preemphasis control; LVTTL
Input: Selection for receive
EQ = 1 (default) is for the 5-dB setting; EQ = 0 is for the 12-dB
EQ
23
equalization setting
setting.
Power Supply
VCC
8, 12, 19
Power
Power supply, 3.3 V ±5%
GND
11, 15, 20
Ground
The ground center pad of the package must be connected to
Thermal pad
Thermal pad
GND plane with thermal vias.
VBB
4
Input
Receiver input biasing voltage
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP202


Similar Part No. - SN65LVCP202RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP202RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A Datasheet
573Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com