Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7930BMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FL7930BMX
Description  Single-Stage Flyback and Boundary-Mode PFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL7930BMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FL7930BMX Datasheet HTML 1Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 2Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 3Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 4Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 5Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 6Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 7Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 8Page - Fairchild Semiconductor FL7930BMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7930 • Rev. 1.0.0
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
VZ
V
IOH, IOL
Peak Drive Output Current
-800
+500
mA
ICLAMP
Driver Output Clamping Diodes VO>VCC or VO<-0.3V
-10
+10
mA
IDET
Detector Clamping Diodes
-10
+10
mA
VIN
Error Amplifier Input, Output, OVP Input, ZCD, RDY, and OVP Pins
(1)
-0.3
8.0
V
CS Input Voltage
(2)
-10
6
TJ
Operating Junction Temperature
+150
°C
TA
Operating Temperature Range
-40
+125
°C
TSTG
Storage Temperature Range
-65
+150
°C
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
2.5
KV
Charged Device Model, JESD22-C101
2.0
Notes:
1.
When this pin is supplied by external power sources by accident, its maximum allowable current is 50mA.
2.
In case of DC input, acceptable input range is -0.3V~6V: within 100ns -10V~6V is acceptable, but electrical
specifications are not guaranteed during such a short time.
Thermal Impedance
Symbol
Parameter
Min.
Max.
Unit
JA
Thermal Resistance, Junction-to-Ambient
(
3)
150
°C/W
Note:
3.
Regarding the test environment and PCB type, please refer to JESD51-2 and JESD51-10.


Similar Part No. - FL7930BMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7930BMX ONSEMI-FL7930BMX Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
More results

Similar Description - FL7930BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
logo
Monolithic Power System...
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com