Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM32C6711DGDPA16EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SM32C6711DGDPA16EP
Description  FLOATING-POINT DIGTAL SIGNAL PROCESSORS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6711DGDPA16EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM32C6711DGDPA16EP Datasheet HTML 3Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 4Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 5Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 6Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 7Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 8Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 9Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 10Page - Texas Instruments SM32C6711DGDPA16EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
SM320C6711EP, SM320C6711BEP, SM320C6711CEP, SM320C6711DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS054A − AUGUST 2004 − REVISED SEPTEMBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block and CPU (DSP core) diagram
Test
C6000
 CPU (DSP Core)
Data Path B
B Register File
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
Power-Down
Logic
.L1† .S1† .M1† .D1
.D2 .M2† .S2† .L2†
32
SDRAM
ROM/FLASH
SBSRAM
I/O Devices
L1P Cache
Direct Mapped
4K Bytes Total
Control
Registers
Control
Logic
L1D Cache
2-Way Set
Associative
4K Bytes Total
In-Circuit
Emulation
Interrupt
Control
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
C6711/C6711B/C6711C/C6711D Digital Signal Processors
† In addition to fixed-point instructions, these functional units execute floating-point instructions.
‡ The C6711C/C6711D device has a software-configurable PLL (with x4 through x25 multiplier and /1 through /32 divider) and a PLL
Controller which is different from the hardware PLL peripheral on the C6711 and C6711B devices.
§ Applicable to the C6711C/C6711D device only
Enhanced
DMA
Controller
(16 channel)
16
L2
Memory
4 Banks
64K Bytes
Total
PLL‡
Timer 0
External
Memory
Interface
(EMIF)
Multichannel
Buffered
Serial Port 1
(McBSP1)
Multichannel
Buffered
Serial Port 0
(McBSP0)
Host Port
Interface
(HPI)
SRAM
Timer 1
Boot
Configuration
Interrupt
Selector
GPIO§


Similar Part No. - SM32C6711DGDPA16EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM32C6712DGDPA16EP TI1-SM32C6712DGDPA16EP Datasheet
1Mb / 109P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPA20EP TI-SM32C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPA20EP TI1-SM32C6713BGDPA20EP Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPM30EP TI-SM32C6713BGDPM30EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM32C6713BGDPM30EP TI1-SM32C6713BGDPM30EP Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com