Electronic Components Datasheet Search |
|
5962-9205805QYA Datasheet(PDF) 7 Page - Texas Instruments |
|
|
5962-9205805QYA Datasheet(HTML) 7 Page - Texas Instruments |
7 / 54 page SMJ320C31, SMJ320LC31, SMQ320LC31 DIGITAL SIGNAL PROCESSORS SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006 7 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions TERMINAL TYPE† DESCRIPTION CONDITIONS WHEN NAME QTY TYPE† DESCRIPTION WHEN SIGNAL IS Z TYPE‡ PRIMARY-BUS INTERFACE D31 − D0 32 I/O/Z 32-bit data port S H R A23 − A0 24 O/Z 24-bit address port S H R R/W 1 O/Z Read / write. R/ W is high when a read is performed and low when a write is performed over the parallel interface. S H R STRB 1 O/Z External-access strobe S H RDY 1 I Ready. RDY indicates that the external device is prepared for a transaction completion. HOLD 1 I Hold. When HOLD is a logic low, any ongoing transaction is completed. A23 − A0, D31 − D0, STRB, and R / W are placed in the high-impedance state and all transac- tions over the primary-bus interface are held until HOLD becomes a logic high or until the NOHOLD bit of the primary-bus-control register is set. HOLDA 1 O/Z Hold acknowledge. HOLDA is generated in response to a logic low on HOLD. HOLDA indicates that A23 − A0, D31 − D0, STRB, and R / W are in the high-impedance state and that all transactions over the bus are held. HOLDA is high in response to a logic high of HOLD or the NOHOLD bit of the primary-bus-control register is set. S CONTROL SIGNALS RESET 1 I Reset. When RESET is a logic low, the device is in the reset condition. When RESET becomes a logic high, execution begins from the location specified by the reset vector. INT3 − INT0 4 I External interrupts IACK 1 O/Z Interrupt acknowledge. IACK is generated by the IACK instruction. IACK can be used to indicate the beginning or the end of an interrupt-service routine. S MCBL / MP 1 I Microcomputer boot-loader / microprocessor mode-select SHZ 1 I Shutdown high impedance. When active, SHZ shuts down the device and places all pins in the high-impedance state. SHZ is used for board-level testing to ensure that no dual-drive conditions occur. CAUTION: A low on SHZ corrupts the device memory and register contents. Reset the device with SHZ high to restore it to a known operating condition. XF1, XF0 2 I/O/Z External flags. XF1 and XF0 are used as general-purpose I / Os or to support interlocked processor instruction. S R SERIAL PORT 0 SIGNALS CLKR0 1 I/O/Z Serial port 0 receive clock. CLKR0 is the serial shift clock for the serial port 0 receiver. S R CLKX0 1 I/O/Z Serial port 0 transmit clock. CLKX0 is the serial shift clock for the serial port 0 transmitter. S R DR0 1 I/O/Z Data-receive. Serial port 0 receives serial data on DR0. S R DX0 1 I/O/Z Data-transmit output. Serial port 0 transmits serial data on DX0. S R FSR0 1 I/O/Z Frame-synchronization pulse for receive. The FSR0 pulse initiates the data-receive process using DR0. S R FSX0 1 I/O/Z Frame-synchronization pulse for transmit. The FSX0 pulse initiates the data-transmit process using DX0. S R TIMER SIGNALS TCLK0 1 I/O/Z Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As an output, TCLK0 outputs pulses generated by timer 0. S TCLK1 1 I/O/Z Timer clock 1. As an input, TCLK0 is used by timer 1 to count external pulses. As an output, TCLK1 outputs pulses generated by timer 1. S † I = input, O = output, Z = high-impedance state ‡ S = SHZ active, H = HOLD active, R = RESET active Not Recommended for New Designs |
Similar Part No. - 5962-9205805QYA |
|
Similar Description - 5962-9205805QYA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |