Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C6455BGTZEP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6455BGTZEP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6455BGTZEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM320C6455BGTZEP Datasheet HTML 3Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 4Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 5Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 6Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 7Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 8Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 9Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 10Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 254 page
background image
www.ti.com
1
Features
SM320C6455-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS462B – SEPTEMBER 2007 – REVISED JANUARY 2008
Parameters
• Controlled Baseline
• Endianess: Little Endian, Big Endian
One Assembly Site
Test Site
• 64 Bit External Memory Interface (EMIFA)
One Fabrication Site
Glueless Interface to Asynchronous
Memories (SRAM, Flash, and EEPROM) and
• Enhanced Diminishing Manufacturing Sources
Synchronous Memories (SBSRAM, ZBT
(DMS) Support
SRAM)
• Enhanced Product-Change Notification
Supports Interface to Standard Sync
• Qualification Pedigree(1)
Devices and Custom Logic (FPGA, CPLD,
ASICs, etc.)
• High-Performance Fixed-Point DSP (C6455)
32M Byte Total Addressable External
1.39 ns, 1.17 ns, 1 ns, and 0.83 ns
Memory Space
Instruction Cycle Time
• Four 1x Serial RapidIO® Links (or One 4x),
1 GHz Clock Rate
v1.2 Compliant
Eight 32 Bit Instructions/Cycle
1.25/2.5/3.125 Gbps Link Rates
9600 MIPS/MMACS (16 Bits)
Message Passing, DirectIO Support, Error
Commercial Temperature (0
°C to 90°C)
Management Extensions, and Congestion
Extended Temperature (–40
°C to 105°C)
Control
S-Temp (–55
°C to 105°C)
IEEE 1149.6 Compliant I/Os
• C64x+™ DSP Core
• DDR2 Memory Controller
Dedicated SPLOOP Instruction
Interfaces to DDR2-533 SDRAM
Compact Instructions (16 Bit)
32 Bit/16 Bit, 533 MHz (data rate) Bus
Instruction Set Enhancements
512M Byte Total Addressable External
Exception Handling
Memory Space
• C64x+ Megamodule L1/L2 Memory
• EDMA3 Controller (64 Independent Channels)
Architecture:
• 32/16 Bit Host-Port Interface (HPI)
256K Bit (32K Byte) L1P Program Cache
• 32 Bit 33/66 MHz, 3.3 V Peripheral Component
(Direct Mapped)
Interconnect (PCI) Master/Slave Interface
256K Bit (32K Byte) L1D Data Cache
Conforms to PCI Local Bus Specification
[2-Way Set-Associative]
(version 2.3)
16M Bit (2096K Byte) L2 Unified Mapped
RAM/Cache (Flexible Allocation)
• One Inter-Integrated Circuit (I2C) Bus
256K Bit (32K Byte) L2 ROM
• Two McBSPs
Time Stamp Counter
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
• Enhanced VCP2
IEEE 802.3 Compliant
Supports Over 694 7.95 Kbps AMR
Supports Multiple Media Independent
Programmable Code Parameters
Interfaces (MII, GMII, RMII, and RGMII)
Eight Independent Transmit (TX) and
• Enhanced Turbo Decoder Coprocessor (TCP2)
Eight Independent Receive (RX) Channels
Supports up to Eight 2 Mbps 3GPP
(6 Iterations)
• Two 64 Bit General-Purpose Timers,
Programmable Turbo Code and Decoding
Configurable as Four 32 Bit Timers
• UTOPIA
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
UTOPIA Level 2 Slave ATM Controller
extended temperature range. This includes, but is not limited
8 Bit Transmit and Receive Operations up
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
to 50 MHz per Direction
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
User-Defined Cell Format up to 64 Bytes
life. Such qualification testing should not be viewed as
• 16 General-Purpose I/O (GPIO) Pins
justifying use of this component beyond specified
performance and environmental limits.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
C64x+, JTAG, C64x+, VelociTI, C6000, Code Composer Studio, DSP/BIOS, XDS are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM320C6455BGTZEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
SM320C6457CGMHS TI1-SM320C6457CGMHS Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results

Similar Description - SM320C6455BGTZEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com