Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C80 Datasheet(PDF) 5 Page - Texas Instruments

Part # SMJ320C80
Description  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C80 Datasheet(HTML) 5 Page - Texas Instruments

  SMJ320C80_02 Datasheet HTML 1Page - Texas Instruments SMJ320C80_02 Datasheet HTML 2Page - Texas Instruments SMJ320C80_02 Datasheet HTML 3Page - Texas Instruments SMJ320C80_02 Datasheet HTML 4Page - Texas Instruments SMJ320C80_02 Datasheet HTML 5Page - Texas Instruments SMJ320C80_02 Datasheet HTML 6Page - Texas Instruments SMJ320C80_02 Datasheet HTML 7Page - Texas Instruments SMJ320C80_02 Datasheet HTML 8Page - Texas Instruments SMJ320C80_02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
GF Pin Assignments -- Alphabetical Listing
PIN
PIN
PIN
PIN
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
A0
L1
CAS/DQM1
B20
D24
AL21
DBEN
C25
A1
G5
CAS/DQM2
C19
D25
AM22
DDIN
B26
A2
G3
CAS/DQM3
B16
D26
AP20
DSF
A23
A3
H4
CAS/DQM4
E17
D27
AK22
EINT1
A31
A4
P2
CAS/DQM5
A15
D28
AN23
EINT2
G31
A5
T2
CAS/DQM6
B14
D29
AL25
EINT3
E29
A6
K4
CAS/DQM7
A13
D30
AR21
EMU0
T34
A7
L3
CBLNK0/VBLNK0
C31
D31
AM26
EMU1
J35
A8
N3
CBLNK1/VBLNK1
G33
D32
AL27
FAULT
E3
A9
P4
CLKIN
C17
D33
AM28
FCLK0
B28
A10
U3
CLKOUT
E25
D34
AP22
FCLK1
D22
A11
W1
CSYNC0/HBLNK0
B32
D35
AN29
HACK
A9
A12
Y2
CSYNC1/HBLNK1
H32
D36
AR23
HREQ
E15
A13
T4
CT0
C11
D37
AN25
HSYNC0
E33
A14
AB2
CT1
A5
D38
AL29
HSYNC1
K34
A15
AE1
CT2
F18
D39
AP26
LINT4
E27
A16
AG1
D0
AR5
D40
AR27
NC
B2
A17
AF2
D1
AN7
D41
AP28
NC
U31
A18
W3
D2
AM8
D42
AJ33
NC
AK18
A19
Y4
D3
AL7
D43
AR31
PS0
F14
A20
AH2
D4
AL9
D44
AH32
PS1
B8
A21
AB4
D5
AP8
D45
AN31
PS2
C13
A22
AC3
D6
AM10
D46
AF32
PS3
U5
A23
AL1
D7
AR9
D47
AP32
RAS
A21
A24
AM2
D8
AP10
D48
AL33
READY
E9
A25
AL3
D9
AN11
D49
AF34
REQ0
D16
A26
AE3
D10
AL11
D50
AM34
REQ1
B10
A27
AP4
D11
AR13
D51
AE33
RESET
D14
A28
AF4
D12
AN13
D52
AC33
RETRY
D2
A29
AN5
D13
AP14
D53
AL35
RL
E19
A30
AH4
D14
AM14
D54
AH34
SCLK0
D28
A31
AJ3
D15
AR15
D55
AB32
SCLK1
A27
AS0
D8
D16
AL15
D56
Y34
STATUS0
H2
AS1
E1
D17
AP16
D57
AG35
STATUS1
J1
AS2
C7
D18
AN17
D58
AE35
STATUS2
E7
BS0
E11
D19
AM16
D59
W33
STATUS3
C5
BS1
B4
D20
AL17
D60
AB34
STATUS4
K2
CAREA0
C29
D21
AL19
D61
U33
CAREA1
D26
D22
AN19
D62
T32
CAS/DQM0
D20
D23
AM20
D63
W35


Similar Part No. - SMJ320C80_02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C80GF TI-SMJ320C80GF Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI-SMJ320C80GFM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI1-SMJ320C80GFM50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80HFH TI-SMJ320C80HFH Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80HFHM50 TI-SMJ320C80HFHM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C80_02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com