Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L930ZWTT Datasheet(PDF) 4 Page - Texas Instruments

Part # RM48L930ZWTT
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930ZWTT Datasheet(HTML) 4 Page - Texas Instruments

  RM48L930ZWTT Datasheet HTML 1Page - Texas Instruments RM48L930ZWTT Datasheet HTML 2Page - Texas Instruments RM48L930ZWTT Datasheet HTML 3Page - Texas Instruments RM48L930ZWTT Datasheet HTML 4Page - Texas Instruments RM48L930ZWTT Datasheet HTML 5Page - Texas Instruments RM48L930ZWTT Datasheet HTML 6Page - Texas Instruments RM48L930ZWTT Datasheet HTML 7Page - Texas Instruments RM48L930ZWTT Datasheet HTML 8Page - Texas Instruments RM48L930ZWTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
The Direct Memory Access Controller (DMA) has 16 channels, 32 control packets and parity protection on
its memory. A Memory Protection Unit (MPU) is built into the DMA to protect memory against erroneous
transfers.
The Error Signaling Module (ESM) monitors all device errors and determines whether an interrupt or
external Error pin/ball is triggered when a fault is detected. The nERROR can be monitored externally as
an indicator of a fault condition in the microcontroller.
The External Memory Interface (EMIF) provides a memory extension to asynchronous and synchronous
memories or other slave devices.
Several interfaces are implemented to enhance the debugging capabilities of application code. In addition
to the built in ARM Cortex
™-R4F CoreSight™ debug features. An External Trace Macrocell (ETM)
provides instruction and data trace of program execution. For instrumentation purposes, a RAM Trace Port
Module (RTP) is implemented to support high-speed tracing of RAM and peripheral accesses by the CPU
or any other master. A Data Modification Module (DMM) gives the ability to write external data into the
device memory. Both the RTP and DMM have no or only minimum impact on the program execution time
of the application code. A Parameter Overlay Module (POM) can re-route Flash accesses to internal
memory or to the EMIF, thus avoiding the re-programming steps necessary for parameter updates in
Flash.
With integrated safety features and a wide choice of communication and control peripherals, the
RM48Lx30 is an ideal solution for high performance real time control applications with safety critical
requirements.
4
RM48Lx30 16/32-Bit RISC Flash Microcontroller
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530


Similar Part No. - RM48L930ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930DPGET TI1-RM48L930DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930DZWTT TI1-RM48L930DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930 TI1-RM48L930_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L930ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com