Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1753TDBQRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1753TDBQRQ1
Description  24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1753TDBQRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1753TDBQRQ1 Datasheet HTML 1Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 2Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 3Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 4Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 5Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 6Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 7Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 8Page - Texas Instruments PCM1753TDBQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PCM1754-Q1
PCM1753-Q1
www.ti.com
SLES254B
– APRIL 2010 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
(3)
Output logic level
IOH = -1 mA
2.4
VDC
VOL
(3)
IOL = 1 mA
0.4
DYNAMIC PERFORMANCE(4)(5)
fS = 44.1 kHz
0.00%
0.01%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.00%
fS = 192 kHz
0.00%
fS = 44.1 kHz
0.65%
THD+N at VOUT = -60 dB
fS = 96 kHz
0.80%
fS = 192 kHz
0.95%
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Dynamic range
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
EIAJ, A-weighted, fS = 44.1 kHz
100
106
Signal-to-noise ratio
A-weighted, fS = 96 kHz
104
dB
A-weighted, fS = 192 kHz
102
fS = 44.1 kHz
97
103
Channel separation
fS = 96 kHz
101
dB
fS = 192 kHz
100
Level linearity error
VOUT = -90 dB
±0.5
dB
DC ACCURACY
Gain error
±1
±6 % of FSR
Gain mismatch, channel-to-channel
±1
±3 % of FSR
Bipolar zero error
VOUT = 0.5 VCC at BPZ
±30
±60
mV
ANALOG OUTPUT
80%
Output voltage
Full scale (0 dB)
of
VPP
VCC
50%
Center voltage
of
VDC
VCC
Load impedance
AC-coupled load
5
k
Ω
DIGITAL FILTER PERFORMANCE
FILTER CHARACTERISTICS (SHARP ROLLOFF)
Pass band
±0.04 dB
0.454 fS
0.54
Stop band
6 fs
Pass-band ripple
±0.04
dB
Stop-band attenuation
Stop band = 0.546 fS
-50
dB
(3)
Pin 11: ZEROA
(4)
Analog performance specifications are measured using the System Two
™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(5)
Conditions in 192-kHz operation are system clock = 128 fS and oversampling rate = 64 fS of register 18.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1754-Q1 PCM1753-Q1


Similar Part No. - PCM1753TDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1753TDBQRQ1 TI1-PCM1753TDBQRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
More results

Similar Description - PCM1753TDBQRQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com