Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1690IDCARQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1690IDCARQ1
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1690IDCARQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1690IDCARQ1 Datasheet HTML 7Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 8Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 9Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 10Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 11Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 12Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 13Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 14Page - Texas Instruments PCM1690IDCARQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
-
-
-
-
-
-
90
92
94
96
98
100
102
-
85
Temperature( C)
°
-40
-15
10
35
60
118
116
114
112
110
108
106
85
Temperature( C)
°
-40
-15
10
35
60
SNR
DynamicRange
90
92
94
96
98
100
102
-
-
-
-
-
-
-
5.50
SupplyVoltage(V)
4.50
4.75
5.00
5.25
118
116
114
112
110
108
106
5.50
SupplyVoltage(V)
4.50
4.75
5.00
5.25
SNR
DynamicRange
PCM1690-Q1
www.ti.com
SBAS551
– JUNE 2011
TYPICAL CHARACTERISTICS: Dynamic Performance
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
Mode = Auto, unless otherwise noted.
DYNAMIC RANGE AND SNR
THD+N
vs
vs
TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
DYNAMIC RANGE AND SNR
THD+N
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 13.
Figure 14.
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - PCM1690IDCARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI1-PCM1690 Datasheet
1Mb / 48P
[Old version datasheet]   Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI-PCM1690DCA Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCA TI1-PCM1690DCA Datasheet
1Mb / 48P
[Old version datasheet]   Eight-Channel Audio Digital-to-Analog Converter
PCM1690DCAR TI-PCM1690DCAR Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
More results

Similar Description - PCM1690IDCARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1691 TI-PCM1691 Datasheet
1Mb / 47P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
[Old version datasheet]   PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1789 TI-PCM1789 Datasheet
1Mb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681_15 Datasheet
1Mb / 44P
[Old version datasheet]   PCM1681 24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma,Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com