Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1662AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1662AIDR
Description  Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1662AIDR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1662AIDR Datasheet HTML 1Page - Texas Instruments OPA1662AIDR Datasheet HTML 2Page - Texas Instruments OPA1662AIDR Datasheet HTML 3Page - Texas Instruments OPA1662AIDR Datasheet HTML 4Page - Texas Instruments OPA1662AIDR Datasheet HTML 5Page - Texas Instruments OPA1662AIDR Datasheet HTML 6Page - Texas Instruments OPA1662AIDR Datasheet HTML 7Page - Texas Instruments OPA1662AIDR Datasheet HTML 8Page - Texas Instruments OPA1662AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
OPA1662
OPA1664
www.ti.com
SBOS489
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS: VS = +5 V (continued)
At TA = +25°C and RL = 2 kΩ, unless otherwise noted. VCM = VOUT = midsupply, unless otherwise noted.
OPA1662, OPA1664
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V
–) + 0.6 V ≤ VO ≤ (V+) – 0.6 V, RL = 2 kΩ
90
100
dB
OUTPUT
VOUT
Output voltage
RL = 2 kΩ
(V
–) + 0.6
(V+)
– 0.6
V
IOUT
Output current
See Typical Characteristics
mA
ZO
Open-loop output impedance
See Typical Characteristics
ISC
Short-circuit current(3)
±40
mA
CLOAD
Capacitive load drive
200
pF
POWER SUPPLY
VS
Specified voltage range
±1.5
±18
V
IOUT = 0 A
1.4
1.7
mA
Quiescent current
IQ
(per channel)
IOUT = 0 A, TA = –40°C to +85°
(2)
2
mA
TEMPERATURE
Specified range
–40
+85
°C
Operating range
–55
+125
°C
(3)
One channel at a time.
THERMAL INFORMATION: OPA1662
OPA1662
THERMAL METRIC(1)
D (SO)
DGK (MSOP)
UNITS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
156.3
225.4
θJCtop
Junction-to-case (top) thermal resistance
85.5
78.8
θJB
Junction-to-board thermal resistance
64.9
110.5
°C/W
ψJT
Junction-to-top characterization parameter
33.8
14.6
ψJB
Junction-to-board characterization parameter
64.3
108.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION:OPA1664
OPA1664
THERMAL METRIC(1)
D (SO)
PW (TSSOP)
UNITS
14 PINS
14 PINS
θJA
Junction-to-ambient thermal resistance
78.6
125.8
θJCtop
Junction-to-case (top) thermal resistance
37.0
45.2
θJB
Junction-to-board thermal resistance
24.9
57.5
°C/W
ψJT
Junction-to-top characterization parameter
9.7
5.5
ψJB
Junction-to-board characterization parameter
24.6
56.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
5
Product Folder Link(s): OPA1662 OPA1664


Similar Part No. - OPA1662AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662AIDRQ1 TI1-OPA1662AIDRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA1662AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com