Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5102APW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5102APW
Description  2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102APW Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM5102APW Datasheet HTML 6Page - Texas Instruments PCM5102APW Datasheet HTML 7Page - Texas Instruments PCM5102APW Datasheet HTML 8Page - Texas Instruments PCM5102APW Datasheet HTML 9Page - Texas Instruments PCM5102APW Datasheet HTML 10Page - Texas Instruments PCM5102APW Datasheet HTML 11Page - Texas Instruments PCM5102APW Datasheet HTML 12Page - Texas Instruments PCM5102APW Datasheet HTML 13Page - Texas Instruments PCM5102APW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Internal
Reset
I
2
S
Clocks
SCK,
BCK,
LRCK
I nternal
Reset
4
ms
Reset
Removal
1.5V
1.8V
DVDD,
LDOO
2.8V
3.3V
AVDD,
CPVDD
Internal
Reset
I
2
S
Clocks
SCK,
BCK,
LRCK
I nternal
Reset
4
ms
Reset
Removal
2.8V
3.3V
AVDD,
DVDD,
CPVDD
PCM5100A, PCM5101A, PCM5102A
SLAS859 – MAY 2012
www.ti.com
APPLICATION INFORMATION
Reset and System Clock Functions
Power-On Reset Function
The PCM510xA includes a power-on reset function shown in Figure 11. With VDD > 2.8V, the power-on reset
function is enabled. After the initialization period, the PCM510xA is set to its default reset state.
Figure 11. Power-On Reset Timing, DVDD = 3.3V
The PCM510xA includes a power-on reset function shown in Figure 12 operating at DVDD=1.8V. With AVDD
greater than approximately 2.8V, and PVDD greater than approximately 2.8 V, and DVDD greater than
approximately 1.5V, the power-on reset function is enabled. After the initialization period, the PCM510xA is set to
its default reset state.
Figure 12. Power-On Reset Timing, DVDD = 1.8V
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): PCM5100A PCM5101A PCM5102A


Similar Part No. - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5102APWR TI1-PCM5102APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102APWR TI1-PCM5102APWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com