Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5102APW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5102APW
Description  2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102APW Datasheet(HTML) 5 Page - Texas Instruments

  PCM5102APW Datasheet HTML 1Page - Texas Instruments PCM5102APW Datasheet HTML 2Page - Texas Instruments PCM5102APW Datasheet HTML 3Page - Texas Instruments PCM5102APW Datasheet HTML 4Page - Texas Instruments PCM5102APW Datasheet HTML 5Page - Texas Instruments PCM5102APW Datasheet HTML 6Page - Texas Instruments PCM5102APW Datasheet HTML 7Page - Texas Instruments PCM5102APW Datasheet HTML 8Page - Texas Instruments PCM5102APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCM5100A, PCM5101A, PCM5102A
www.ti.com
SLAS859 – MAY 2012
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance (PCM Mode)(2)(3) (Values shown for three devices PCM5102/PCM5101/PCM5100)
fS = 48kHz
–93/–92/–90
-83/ -82/ -80
THD+N at –1 dBFS(3)
fS = 96kHz
–93/–92/–90
fS = 192kHz
–93/–92/–90
Dynamic range(3)
EIAJ, A-weighted, fS = 48kHz
106/ 100/ 95
112/106/100
EIAJ, A-weighted, fS = 96kHz
112/106/100
EIAJ, A-weighted, fS = 192kHz
112/106/100
Signal-to-noise ratio(3)
EIAJ, A-weighted, fS = 48kHz
112/106/100
dB
EIAJ, A-weighted, fS = 96kHz
112/106/100
EIAJ, A-weighted, fS = 192kHz
112/106/100
Signal to noise ratio with
EIAJ, A-weighted, fS = 48kHz
113
123
analog mute(3)(4)
EIAJ, A-weighted, fS = 96kHz
123
EIAJ, A-weighted, fS = 192kHz
123
Channel Separation
fS = 48 kHz
100/ 95/ 90
109/103/97
fS = 96kHz
109/103/97
fS = 192kHz
109/103/97
Analog Output
Output voltage
2.1
VRMS
Gain error
–6
±2.0
6
% of FSR
Gain mismatch, channel-to-
–6
±2.0
6
% of FSR
channel
Bipolar zero error
At bipolar zero
–5
±1.0
5
mV
Load impedance
1
k
Ω
Filter Characteristics–1: Normal
Pass band
0.45fS
Stop band
0.55fS
Stop band attenuation
–60
dB
Pass-band ripple
±0.02
Delay time
20tS
s
Filter Characteristics–2: Low Latency
Pass band
0.47fS
Stop band
0.55fS
Stop band attenuation
–52
dB
Pass-band ripple
±0.0001
Delay time
3.5tS
s
(2)
Filter condition: THD+N: 20Hz HPF, 20kHz AES17 LPF Dynamic range: 20Hz HPF, 20kHz AES17 LPF, A-weighted Signal-to-noise
ratio: 20Hz HPF, 20kHz AES17 LPF, A-weighted Channel separation: 20Hz HPF, 20kHz AES17 LPF Analog performance specifications
are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(3)
Output load is 10k
Ω, with 470Ω output resistor and a 2.2nF shunt capacitor (see recommended output filter).
(4)
Assert XSMT or both L-ch and R-ch PCM data are BPZ
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM5100A PCM5101A PCM5102A


Similar Part No. - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102APW TI1-PCM5102APW Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5102APWR TI1-PCM5102APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102APWR TI1-PCM5102APWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5102APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com