Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2706CPJTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706CPJTR
Description  Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2706CPJTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2706CPJTR Datasheet HTML 3Page - Texas Instruments PCM2706CPJTR Datasheet HTML 4Page - Texas Instruments PCM2706CPJTR Datasheet HTML 5Page - Texas Instruments PCM2706CPJTR Datasheet HTML 6Page - Texas Instruments PCM2706CPJTR Datasheet HTML 7Page - Texas Instruments PCM2706CPJTR Datasheet HTML 8Page - Texas Instruments PCM2706CPJTR Datasheet HTML 9Page - Texas Instruments PCM2706CPJTR Datasheet HTML 10Page - Texas Instruments PCM2706CPJTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
PCM2704C, PCM2705C
PCM2706C, PCM2707C
www.ti.com
SBFS036A – AUGUST 2011 – REVISED JULY 2012
Table 1. Pin Descriptions: DB Package (PCM2704C/PCM2705C)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGNDL
12
Analog ground for headphone amplifier of L-channel
AGNDR
17
Analog ground for headphone amplifier of R-channel
CK
2
O
Clock output for external ROM (PCM2704C). Must be left open (PCM2705C).
D+
9
I/O
USB differential input/output plus(1)
D–
8
I/O
USB differential input/output minus(1)
DGND
6
Digital ground
DOUT
5
O
S/PDIF output
DT
3
I/O
Data input/output for external ROM (PCM2704C). Must be left open with pull-up resistor (PCM2705C).(1)
HID0/MS
22
I
HID key state input (mute), active high (PCM2704C). MS input (PCM2705C).(2)
HID1/MC
23
I
HID key state input (volume up), active high (PCM2704C). MC input (PCM2705C).(2)
HID2/MD
24
I
HID key state input (volume down), active high (PCM2704C). MD input (PCM2705C).(2)
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
HOST
21
I
operation (low: 100 mA, high: 500 mA).(3)
PGND
19
Analog ground for DAC, OSC, and PLL
PSEL
4
I
Power source select (low: self-power, high: bus-power)(1)
SSPND
27
O
Suspend flag, active low (low: suspend, high: operational)
TEST0
26
I
Test pin. Must be set high(1)
TEST1
25
I
Test pin. Must be set high(1)
VBUS
10
Connect to USB power (VBUS) for bus-powered operation. Connect to VDD for self-powered operation.
VCCL
13
Analog power supply for headphone amplifier of L-channel(4)
VCCP
20
Analog power supply for DAC, OSC, and PLL(4)
VCCR
16
Analog power supply for headphone amplifier of R-channel(4)
VCOM
18
Common voltage for DAC (VCCP/2). Connect decoupling capacitor to PGND.
VDD
7
Digital power supply(4)
VOUTL
14
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
28
I
Crystal oscillator input(1)
XTO
1
O
Crystal oscillator output
ZGND
11
Ground for internal regulator
(1)
LV-TTL level.
(2)
LV-TTL level with internal pulldown.
(3)
LV-TTL level, 5-V tolerant.
(4)
Connect decoupling capacitor to GND. Supply 3.3 V for self-powered applications.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C


Similar Part No. - PCM2706CPJTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2706CPJTR TI1-PCM2706CPJTR Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results

Similar Description - PCM2706CPJTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com