Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902BDBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902BDBR
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2902BDBR Datasheet(HTML) 3 Page - Texas Instruments

  PCM2902BDBR Datasheet HTML 1Page - Texas Instruments PCM2902BDBR Datasheet HTML 2Page - Texas Instruments PCM2902BDBR Datasheet HTML 3Page - Texas Instruments PCM2902BDBR Datasheet HTML 4Page - Texas Instruments PCM2902BDBR Datasheet HTML 5Page - Texas Instruments PCM2902BDBR Datasheet HTML 6Page - Texas Instruments PCM2902BDBR Datasheet HTML 7Page - Texas Instruments PCM2902BDBR Datasheet HTML 8Page - Texas Instruments PCM2902BDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ELECTRICAL CHARACTERISTICS
PCM2900B
PCM2902B
www.ti.com ........................................................................................................................................................................................... SLES229 – DECEMBER 2008
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
PCM2900B, PCM2902B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Host interface
Apply USB Revision 2.0, full speed
Audio data format
USB isochronous data format
INPUT LOGIC
D+, D–
2
3.3
XTI, HID0, HID1,
2.52
3.3
High-level input
and HID2
VIH
VDC
voltage
SEL0, SEL1
2
5.25
DIN (PCM2902B)
2.52
5.25
D+, D–
0.8
XTI, HID0, HID1,
0.9
Low-level input
and HID2
VIL
VDC
voltage
SEL0, SEL1
0.8
DIN (PCM2902B)
0.9
D+, D–, XTI, SEL0,
±10
SEL1
High-level input
IIH
HID0, HID1, and
VIN = 3.3 V
µA
voltage
50
80
HID2
DIN (PCM2902B)
65
100
D+, D–, XTI, SEL0,
±10
SEL1
Low-level input
IIL
HID0, HID1, and
VIN = 0 V
µA
voltage
±10
HID2
DIN (PCM2902B)
±10
OUTPUT LOGIC
D+, D–
2.8
High-level
DOUT
VOH
IOH = –4 mA
2.8
VDC
output voltage
(PCM2902B)
SSPND
IOH = –2 mA
2.8
D+, D–
0.3
Low-level output DOUT
VOL
IOL = 4 mA
0.5
VDC
voltage
(PCM2902B)
SSPND
IOL = 2 mA
0.5
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.008
MHz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs


Similar Part No. - PCM2902BDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2902BDBR TI1-PCM2902BDBR Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Similar Description - PCM2902BDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com