Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900BDB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900BDB
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900BDB Datasheet(HTML) 5 Page - Texas Instruments

  PCM2900BDB Datasheet HTML 1Page - Texas Instruments PCM2900BDB Datasheet HTML 2Page - Texas Instruments PCM2900BDB Datasheet HTML 3Page - Texas Instruments PCM2900BDB Datasheet HTML 4Page - Texas Instruments PCM2900BDB Datasheet HTML 5Page - Texas Instruments PCM2900BDB Datasheet HTML 6Page - Texas Instruments PCM2900BDB Datasheet HTML 7Page - Texas Instruments PCM2900BDB Datasheet HTML 8Page - Texas Instruments PCM2900BDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PCM2900B
PCM2902B
www.ti.com ........................................................................................................................................................................................... SLES229 – DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
PCM2900B, PCM2902B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
DAC Clock Frequency
fS
Sampling frequency
32, 44.1, 48
kHz
DAC DC Accuracy
% of
Gain mismatch channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±2
FSR
DAC Dynamic Performance(4)
VOUT = 0 dB
0.005
0.016
%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3
%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
Analog Output
VO
Output voltage
0.6 VCCCI
VPP
Center voltage
0.5 VCCCI
V
Load impedance
AC coupling
10
k
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
DAC Digital Filter Performance
Passband
0.445 fS
Hz
Stop band
0.555 fS
Hz
Passband ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3 fS
s
POWER-SUPPLY REQUIREMENTS
VBUS
Voltage range
4.35
5
5.25
VDC
ADC, DAC operation
56
67
mA
Supply current
Suspend mode(5)
250
µA
ADC, DAC operation
280
352
PD
Power dissipation
mW
Suspend mode(5)
1.25
VCCCI,
VCCP1I,
VCCP2I,
Internal power-supply voltage
3.1
3.3
3.5
VDC
VCCXI,
VDDI
TEMPERATURE RANGE
Operating temperature range
–25
+85
°C
θ
JA
Thermal resistance
100
°C/W
(4)
fOUT = 1 kHz, using a System Two audio measurement system by Audio Precision in the RMS mode with 20-kHz LPF, 400-Hz HPF.
(5)
Under USB suspend state.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs


Similar Part No. - PCM2900BDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900BDB TI1-PCM2900BDB Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900BDBR TI1-PCM2900BDBR Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Similar Description - PCM2900BDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com