Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333HD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333HD
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2333HD Datasheet(HTML) 2 Page - Texas Instruments

  OPA2333HD Datasheet HTML 1Page - Texas Instruments OPA2333HD Datasheet HTML 2Page - Texas Instruments OPA2333HD Datasheet HTML 3Page - Texas Instruments OPA2333HD Datasheet HTML 4Page - Texas Instruments OPA2333HD Datasheet HTML 5Page - Texas Instruments OPA2333HD Datasheet HTML 6Page - Texas Instruments OPA2333HD Datasheet HTML 7Page - Texas Instruments OPA2333HD Datasheet HTML 8Page - Texas Instruments OPA2333HD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA2333-HT
SBOS483F – JULY 2009 – REVISED AUGUST 2012
www.ti.com
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD
OPA2333SKGD1
NA
JD
OPA2333SJD
OPA2333SJD
–55°C to 210°C
HKJ
OPA2333SHKJ
OPA2333SHKJ
HKQ
OPA2333SHKQ
OPA2333SHKQ
–55°C to 175°C
D
OPA2333HD
O2333H
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
V-
Al-Si-Cu (0.5%)
Table 2. BOND PAD COORDINATES
DESCRIPTION
PAD NUMBER
a
b
c
d
OUT A
1
21.20
1288.50
97.20
1364.50
–IN A
2
21.20
923.65
97.20
999.65
+IN A
3
21.20
533.05
97.20
609.05
V–
4
31.30
172.20
107.30
248.20
+IN B
5
864.80
162.25
940.80
238.25
–IN B
6
864.80
552.65
940.80
628.65
OUT B
7
864.80
897.10
940.80
973.10
V+
8
854.70
1280.45
930.70
1356.45
2
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: OPA2333-HT


Similar Part No. - OPA2333HD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2333 BURR-BROWN-OPA2333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA2333 TI1-OPA2333 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2333 TI1-OPA2333 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2333 TI1-OPA2333 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com