Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA564AIDWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA564AIDWPR
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA564AIDWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA564AIDWPR Datasheet HTML 5Page - Texas Instruments OPA564AIDWPR Datasheet HTML 6Page - Texas Instruments OPA564AIDWPR Datasheet HTML 7Page - Texas Instruments OPA564AIDWPR Datasheet HTML 8Page - Texas Instruments OPA564AIDWPR Datasheet HTML 9Page - Texas Instruments OPA564AIDWPR Datasheet HTML 10Page - Texas Instruments OPA564AIDWPR Datasheet HTML 11Page - Texas Instruments OPA564AIDWPR Datasheet HTML 12Page - Texas Instruments OPA564AIDWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
50
45
40
35
30
25
20
-75
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
R
= 7.5kW
SET
20
15
10
5
0
5
10
15
20
-
-
-
-
-75
-50
-25
0
25
50
75
100
125
Temperature( C)
°
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
200
-
-75
-50
-25
0
25
50
75
100
125
Temperature( C)
°
I
B+
I
B-
I
OS
300
250
200
150
100
50
0
50
100
150
200
250
300
-
-
-
-
-
-
-
75
-
50
-
25
0
25
50
75
100
125
Temperature( C)
°
CMRR
PSRR
A
OL
2.0
1.5
1.0
0.5
0
-75
-50
-25
0
25
50
75
100
125
Temperature( C)
°
100
80
60
40
20
0
-
75
-
50
-
25
0
25
50
75
100
125
Temperature( C)
°
OPA564
www.ti.com
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
At TCASE = +25°C, VS = ±12V, RLOAD = 20kΩ to GND, RSET = 7.5kΩ, and E/S pin enabled, unless otherwise noted.
IQ vs TEMPERATURE
OFFSET VOLTAGE vs TEMPERATURE
Figure 7.
Figure 8.
AOL, PSRR, AND CMRR vs TEMPERATURE
IB vs TEMPERATURE
Figure 9.
Figure 10.
IQ, SHUTDOWN vs TEMPERATURE
IDIG vs TEMPERATURE
Figure 11.
Figure 12.
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA564


Similar Part No. - OPA564AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564AQDWPRQ1 TI1-OPA564AQDWPRQ1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
More results

Similar Description - OPA564AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564-Q1 TI1-OPA564-Q1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564 TI-OPA564_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
TiMOTION Technology Co....
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
   Discharging voltage 24V DC, 1.5A
20180600-D
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com