Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA698MJD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA698MJD Datasheet(HTML) 3 Page - Texas Instruments

  OPA698MJD Datasheet HTML 1Page - Texas Instruments OPA698MJD Datasheet HTML 2Page - Texas Instruments OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
TA = 25°C
52
58
Open-loop voltage gain (AVOL)
VO = ±0.5 V
dB
TA = Full range
43
TA = 25°C
±2
±8
Input offset voltage (VIO)
mV
TA = Full range
±12
TA = 25°C
±3
±10
Input bias current (IIB)(2)
µA
TA = Full range
±18
TA = 25°C
±0.3
±3
Input offset current (IIO)
µA
TA = Full range
±4
INPUT
TA = 25°C
52
58
Common-mode rejection ratio (CMRR)
VICM = ±0.5 V, Input referred
dB
TA = Full range
47
TA = 25°C
±3.2
±3.3
M
Common-mode input voltage range (VICR)(3)
pF
TA = Full range
±3.1
0.32
M
Input impedance, differential mode
1
pF
3.5
M
Input impedance, common mode
1
pF
OUTPUT
TA = 25°C
±3.9
±4
VH = 4.3 V, VL = –4.3 V,
Output voltage range (VOH, VOL)
V
RL≥ 500 Ω
TA = Full range
±3.7
TA = 25°C
110
165
VH = 4.3 V, VL = –4.3 V,
Current output, sourcing (IOH)
mA
RL = 20 Ω
TA = Full range
100
TA = 25°C
–90
–130
VH = 4.3 V, VL = –4.3 V,
Current output, sinking (IOL)
mA
RL = 20 Ω
TA = Full range
–80
Closed-loop output impedance
G = +1, RF = 25 Ω, f < 100 kHz
0.2
POWER SUPPLY
Operating voltage (VS)
±5
±6
V
TA = 25°C
15
15.5
16
Quiescent current (IS)
mA
TA = Full range
13.5
18
TA = 25°C
65
76
dB
Input referred,
Power supply rejection ratio (PSRR)
VS = ±4.5 V to ±5.5 V
TA = Full range
60
dB
OUTPUT VOLTAGE LIMITERS (pins 5 and 8)
TA = 25°C
±3.3
±3.6
Default output limited voltage
Limiter pins open
V
TA = Full range
±3
Limiter output offset voltage
(VO – VH) or (VO – VL)
TA = Full range
±15
±50
mV
TA = 25°C
40
55
65
Limiter input bias current magnitude(4)
VO = 0 V
µA
TA = Full range
35
70
3.4
M
Limiter input impedance
1
pF
Limiter feedthrough(5)
f = 5 MHz
–68
dB
Maximum limiter voltage
±4.3
V
Minimum limiter voltage separation
400
mV
Op amp bias current shift (2)
3
µA
(2)
Current is considered positive out of node.
(3)
CMIR tested as < 3-dB degradation from minimum CMRR at specified limits.
(4)
IVH (VH bias current) is positive and IVL (VL bias current) is negative under these conditions. See Note 2, Figure 47 and Figure 66.
(5)
Limiter feedthrough is the ratio of the output magnitude to the sine wave added to VH (or VL) when VIN = 0.
3
Submit Documentation Feedback


Similar Part No. - OPA698MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698MJD TI-OPA698MJD Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA698MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
[Old version datasheet]   UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com