Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA376AQDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376AQDBVRQ1
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA376AQDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA376AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments OPA376AQDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
C
1
100nF
R
2
10k
W
R
1
1k
W
+5V
V
OUT
V
IN
V
=2.5V
CM
OPA376
-0.5
3
2
1
0
-1
-2
-3
InputCommon-ModeVoltage(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+V
-V
OPA376-Q1
OPA2376-Q1, OPA4376-Q1
SBOS549
– APRIL 2011
www.ti.com
APPLICATION INFORMATION
The OPA376-Q1 family of operational amplifiers is
built using e-trim, a proprietary technique in which
offset voltage is adjusted during the final steps of
manufacturing.
This
technique
compensates
for
performance shifts that can occur during the molding
process. Through e-trim, the OPA376-Q1 family
delivers
excellent
offset
voltage
(5
μV,
typ).
Additionally, the amplifier boasts a fast slew rate, low
drift, low noise, and excellent PSRR and AOL. These
5.5MHz CMOS op amps operate on 760
μA (typ)
quiescent current.
OPERATING CHARACTERISTICS
The OPA376-Q1 family of amplifiers has parameters
that are fully specified from 2.2V to 5.5V (
±1.1V to
±2.75V). Many of the specifications apply from –40°C
to +125
°C. Parameters that can exhibit significant
variance
with
regard
to
operating
voltage
or
temperature
are
presented
in
the
Typical
Characteristics.
Figure 22. Basic Single-Supply Connection
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
required. Low-loss, 0.1
μF bypass capacitors must be
COMMON-MODE VOLTAGE RANGE
connected between each supply pin and ground,
The input common-mode voltage range of the
placed as close to the device as possible. A single
OPA376-Q1 series extends 100mV beyond the
bypass capacitor from V+ to ground is applicable to
supply rails. The offset voltage of the amplifier is very
single-supply applications.
low, from approximately (V
–) to (V+) – 1V, as shown
in Figure 23. The offset voltage increases as
BASIC AMPLIFIER CONFIGURATIONS
common-mode
voltage
exceeds
(V+)
–1V.
Common-mode rejection is specified from (V
–) to
The OPA376-Q1 family is unity-gain stable. It does
(V+)
– 1.3V.
not exhibit output phase inversion when the input is
overdriven. A typical single-supply connection is
shown in Figure 22. The OPA376-Q1 is configured as
a basic inverting amplifier with a gain of
–10V/V. This
single-supply connection has an output centered on
the common-mode voltage, VCM. For the circuit
shown, this voltage is 2.5V, but may be any value
within the common-mode input voltage range.
Figure 23. Offset and Common-Mode Voltage
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA376-Q1 OPA2376-Q1 OPA4376-Q1


Similar Part No. - OPA376AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376AQDBVRQ1 TI1-OPA376AQDBVRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376AQDBVRQ1 TI1-OPA376AQDBVRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results

Similar Description - OPA376AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com