Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA336-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336-EP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336-EP Datasheet(HTML) 1 Page - Texas Instruments

  OPA336-EP Datasheet HTML 1Page - Texas Instruments OPA336-EP Datasheet HTML 2Page - Texas Instruments OPA336-EP Datasheet HTML 3Page - Texas Instruments OPA336-EP Datasheet HTML 4Page - Texas Instruments OPA336-EP Datasheet HTML 5Page - Texas Instruments OPA336-EP Datasheet HTML 6Page - Texas Instruments OPA336-EP Datasheet HTML 7Page - Texas Instruments OPA336-EP Datasheet HTML 8Page - Texas Instruments OPA336-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
5
4
V+
–In
Out
V–
+In
DBV PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
Controlled Baseline
Micro-Size Packages
– One Assembly/Test Site, One Fabrication
Low Offset Voltage: 500
µV Typical
Site
Specified From VS = 2.3 V to 5.5 V
Extended Temperature Performance of
–55
°C to 125°C
Battery-Powered Instruments
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Portable Devices
High-Impedance Applications
Enhanced Product-Change Notification
Photodiode Preamplifiers
Qualification Pedigree (1)
Precision Integrators
Single-Supply Operation
Medical Instruments
Rail-to-Rail Output (Within 3 mV)
Test Equipment
Micro Power: I
Q = 23 µA/Amplifier
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The OPA336 micro-power CMOS operational amplifier (MicroAmplifier™ series) is designed for battery-powered
applications. The device operates on a single supply, with operation as low as 2.1 V. The output is rail to rail and
swings to within 3 mV of the supplies with a 100-k
Ω load. The common-mode range extends to the negative
supply — ideal for single-supply applications.
In addition to small size and low quiescent current (23
µA/amplifier), the OPA336 features low offset voltage
(500
µV typical), low input bias current (1 pA), and high open-loop gain (115 dB).
The device is packaged in the tiny DBV (SOT23-5) surface-mount package. It operates from –55
°C to 125°C. A
macromodel is available for download (at www.ti.com) for design analysis.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
DBV – SOT23-5
OPA336MDBVREP
OAYM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroAmplifier is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA336-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336-EP TI1-OPA336-EP Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA336-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com