Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5812 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL5812
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5812 Datasheet(HTML) 4 Page - Texas Instruments

  TL5812 Datasheet HTML 1Page - Texas Instruments TL5812 Datasheet HTML 2Page - Texas Instruments TL5812 Datasheet HTML 3Page - Texas Instruments TL5812 Datasheet HTML 4Page - Texas Instruments TL5812 Datasheet HTML 5Page - Texas Instruments TL5812 Datasheet HTML 6Page - Texas Instruments TL5812 Datasheet HTML 7Page - Texas Instruments TL5812 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL5812, TL5812l
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS011B − OCTOBER 1985 − REVISED MAY 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC1 (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.3 V to VCC1 +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
−40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TL5812
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL5812I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range,
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
FN
1400 mW
11.2 mW/
°C
896 mW
728 mW
N
1150 mW
9.2 mW/
°C
736 mW
598 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1
4.5
15
V
Supply voltage, VCC2
0
60
V
High-level input voltage, VIH
VCC1 −1.5
VCC1+0.3
V
Low-level input voltage, VIL
− 0.3†
0.8
V
High-level output current, IOH
−40
mV
Operating free-air temperature, TA
TL5812
0
70
°C
Operating free-air temperature, TA
TL5812I
−40
85
°C
† The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for logic voltage
levels.


Similar Part No. - TL5812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5812 TI-TL5812 Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FNR TI-TL5812FNR Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812I TI-TL5812I Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812IFN TI-TL5812IFN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
More results

Similar Description - TL5812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810B_1998 TI1-TL4810B_1998 Datasheet
110Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B TI-TL4810B Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65518 TI-SN65518 Datasheet
136Kb / 9P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI-SN65512C Datasheet
85Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512B TI1-SN65512B Datasheet
116Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
   Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com