Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9176301QEA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9176301QEA
Description  LOGARITHMIC AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9176301QEA Datasheet(HTML) 5 Page - Texas Instruments

  5962-9176301QEA Datasheet HTML 1Page - Texas Instruments 5962-9176301QEA Datasheet HTML 2Page - Texas Instruments 5962-9176301QEA Datasheet HTML 3Page - Texas Instruments 5962-9176301QEA Datasheet HTML 4Page - Texas Instruments 5962-9176301QEA Datasheet HTML 5Page - Texas Instruments 5962-9176301QEA Datasheet HTML 6Page - Texas Instruments 5962-9176301QEA Datasheet HTML 7Page - Texas Instruments 5962-9176301QEA Datasheet HTML 8Page - Texas Instruments 5962-9176301QEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
DIFFERENTIAL OUTPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
60
50
40
30
20
10
0
– 75 – 50 – 25
0
25
50
75
100
125
VCC
± = ±6 V
See Figure 1
Figure 6
QUIESCENT OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
– 75 – 50 – 25
0
25
50
75
100
125
8
7
6
5
4
3
2
1
0
VCC
± = ±6 V
See Figure 2
Figure 7
TA – Free-Air Temperature – °C
– 75 – 50 – 25
0
25
50
75
100
125
12
10
8
6
4
2
0
DC SCALE FACTOR
vs
FREE-AIR TEMPERATURE
VCC
± = ±6 V
See Figure 3
Figure 8
TA – Free-Air Temperature – °C
– 75 – 50 – 25
0
25
50
75
100
125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
DC ERROR
vs
FREE-AIR TEMPERATURE
VCC
± = ±6 V
See Figure 3


Similar Part No. - 5962-9176301QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9176301QEA TI-5962-9176301QEA Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - 5962-9176301QEA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com