Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPSG507ACNT Datasheet(PDF) 7 Page - Texas Instruments

Part # TIBPSG507ACNT
Description  13 횞 80 횞 8 PROGRAMMABLE SEQUENCE GENERATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPSG507ACNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TIBPSG507ACNT Datasheet HTML 3Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 4Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 5Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 6Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 7Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 8Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 9Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 10Page - Texas Instruments TIBPSG507ACNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MHz
fmax§
CLK
ns
TIBPSG507AC
13
× 80 × 8 PROGRAMMABLE SEQUENCE GENERATOR
SRPS002D – D3029, MAY 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.75 V,
IOH = – 3.2 mA
2.4
3.2
V
VOL
VCC = 4.75 V,
IOL = 16 mA
0.25
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.25
mA
IO‡
VCC = 5.25 V,
VO = 0.5 V
–30
–130
mA
ICC
VCC = 5.25 V,
See Note 4,
Outputs open
156
210
mA
Ci
f = 1 MHz,
VI = 2 V
7
pF
Co
f = 1 MHz,
VO = 2 V
11
pF
Cclk
f = 1 MHz,
VCLK = 2 V
14
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
6-Bit counter with SCLR1 or CNT/HLD1
58
65
6-Bit counter with SCLR0
40
55
6-Bit counter with CNT/HLD0
33
50
With external feedback (see Figure 1)
R1 = 300
Ω,
45
60
Q (nonregistered)#
R2 = 390
Ω,
6
25
tpd¶
Q (registered)
See Figure 6
3
10
I or Feedback
Q (nonregistered)
6
20
ns
ten
OE
Q
1
6
10
ns
tdis
OE
Q
1
6
10
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter approximates IOS. The condition VO = 0.5 V takes tester noise into account. Not more than one output should be shorted at a
time and duration of the short circuit should not exceed one second.
§ See the fmax calculations section.
¶ The active edge of CLK is determined by the programmed state of the CLK polarity fuse.
# tpd CLK to Q (nonregistered) is the same for data clocked from the counter or state registered.
NOTE 4: When the clock is programmed for negitive edge, then VI = 4.5 V. When the clock is programmed for positive edge, then VI = 0.


Similar Part No. - TIBPSG507ACNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI-TIBPAL16L8-10C Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CFN TI-TIBPAL16L8-10CFN Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPSG507ACNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com