Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR12DCM Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MCR12DCM
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR12DCM Datasheet(HTML) 5 Page - Motorola, Inc

  MCR12DCM Datasheet HTML 1Page - Motorola, Inc MCR12DCM Datasheet HTML 2Page - Motorola, Inc MCR12DCM Datasheet HTML 3Page - Motorola, Inc MCR12DCM Datasheet HTML 4Page - Motorola, Inc MCR12DCM Datasheet HTML 5Page - Motorola, Inc MCR12DCM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCR12DCM MCR12DCN
5
Motorola Thyristor Device Data
PACKAGE DIMENSIONS
CASE 369A–13
ISSUE Y
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
STYLE 4:
PIN 1. CATHODE
2. ANODE
3. GATE
4. ANODE


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MCR106 Silicon Controlled Rectifiers 1  2  3  4  Motorola, Inc
UTCML1225 The XL1225/ML1225 silicon controlled rectifiers 1  2  Unisonic Technologies
C122A1 SILICON CONTROLLED RECTIFIERS 1  2  3  Motorola, Inc
S6200 THYRISTORS SILICON CONTROLLED RECTIFIERS 1  2  Motorola, Inc
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
MCR12 Silicon Controlled Rectifiers 1  2  Motorola, Inc
MCR12D Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
SCP6C60 SILICON CONTROLLED RECTIFIERS 1  2  3  4  5  List of Unclassifed Manufacturers
F0810 Silicon controlled rectifiers 1  List of Unclassifed Manufacturers
SCD6C60 Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn