Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL22V10-5CFN Datasheet(PDF) 1 Page - Texas Instruments

Part # TIBPAL22V10-5CFN
Description  HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10-5CFN Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL22V10-5CFN Datasheet HTML 1Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 2Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 3Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 4Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-5CFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TIBPAL22V10-5C
HIGH-PERFORMANCE IMPACT-XL
™ PROGRAMMABLE ARRAY LOGIC CIRCUIT
SRPS028A – MAY 1992 – REVISED OCTOBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
High-Performance Operation:
fmax (External Feedback) ...117 MHz
Propagation Delay ...5 ns Max
Increased Logic Power – Up to 22 Inputs
and 10 Outputs
Increased Product Terms – Average of 12
Per Output
Variable Product Term Distribution
Allows More Complex Functions to Be
Implemented
Each Output Is User Programmable for
Registered or Combinational Operation,
Polarity, and Output Enable Control
Power-Up Clear on Registered Outputs
TTL-Level Preload for Improved Testability
Extra Terms Provide Logical Synchronous
Set and Asynchronous Reset Capability
Fast Programming, High Programming
Yield, and Unsurpassed Reliability Ensured
Using Ti-W Fuses
AC and DC Testing Done at the Factory
Utilizing Special Designed-In Test Features
JEDEC Approved Revolutionary Power and
Ground Pinout for 28-Pin Chip Carrier
Reduces Cross Talk and Ground Bounce
JEDEC File Compatibility Allows Previous
’22V10 Designs to be Programmed Into the
TIBPAL22V10-5C Without Modifications
description
The TIBPAL22V10-5C is a programmable array logic device featuring high speed and functional equivalency
when compared to presently available devices. The TIBPAL22V10-5C is implemented with the familiar
sum-of-products (AND-OR) logic structure featuring programmable output logic macrocells. These
IMPACT-XL
™ circuits combine the latest Advanced Low-Power Schottky technology with proven titanium-
tungsten fuses to provide reliable, high-performance substitutes for conventional TTL logic.
This device contains up to 22 inputs and 10 outputs. It incorporates the unique capability of defining and
programming the architecture of each output on an individual basis. Outputs can be registered or nonregistered
and inverting or noninverting as shown in the output logic macrocell diagram. The ten potential outputs are
enabled through the use of individual product terms.
Further advantages can be seen in the introduction of variable product term distribution. This technique
allocates from 8 to 16 logical product terms to each output for an average of 12 product terms per output. This
variable allocation of terms allows far more complex functions to be implemented than in previously available
devices.
This device is covered by U.S. Patent 4,410,987.
IMPACT-XL is a trademark of Texas Instruments Incorporated.
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I/O/Q
GND
I/O/Q
VCC
I/O/Q
GND
I/O/Q
I/O/Q
GND
I/O/Q
VCC
I/O/Q
GND
I/O/Q
426
14 15 16 17 18
FN PACKAGE
(TOP VIEW)


Similar Part No. - TIBPAL22V10-5CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CFN TI-TIBPAL22V10-10CFN Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10CNT TI-TIBPAL22V10-10CNT Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BCFN TI-TIBPAL22V10-15BCFN Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10-5CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
logo
National Semiconductor ...
PAL20RA10 NSC-PAL20RA10 Datasheet
356Kb / 11P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
   Field Programmable Logic Array
logo
National Semiconductor ...
PAL16RA8 NSC-PAL16RA8 Datasheet
328Kb / 10P
   PROGRAMMABLE ARRAY LOGIC(PAL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com