Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8A1702AS Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SN8A1702AS
Description  8-Bit Micro-Controller
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AS Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SN8A1702AS Datasheet HTML 7Page - SONiX Technology Company SN8A1702AS Datasheet HTML 8Page - SONiX Technology Company SN8A1702AS Datasheet HTML 9Page - SONiX Technology Company SN8A1702AS Datasheet HTML 10Page - SONiX Technology Company SN8A1702AS Datasheet HTML 11Page - SONiX Technology Company SN8A1702AS Datasheet HTML 12Page - SONiX Technology Company SN8A1702AS Datasheet HTML 13Page - SONiX Technology Company SN8A1702AS Datasheet HTML 14Page - SONiX Technology Company SN8A1702AS Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 11
Revision 1.94
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1700 is a series of 8-bit micro-controller including SN8P1702, SN8P1704, SN8P1706, SN8P1707 and
SN8P1708. This series is utilized with CMOS technology fabrication and featured with low power consumption and
high performance by its unique electronic structure.
These chips are designed with the excellent IC structure including the large program memory OTP ROM, the massive
data memory RAM, one 8-bit basic timer (T0), two 8-bit timer counters (TC0, TC1), a watchdog timer, up to seven
interrupt sources (T0, TC0, TC1, SIO, INT0, INT1, INT2), a 7-bit DAC converter, an 8-channel ADC converter with
8-bit/12-bit resolution, two channel PWM output (PWM0, PWM1), tw0 channel buzzer output (BZ0, BZ1) and 8-level
stack buffers. Besides, the user can choose desired oscillator configurations for the controller. There are four oscillator
configurations to select for generating system clock, including High/Low Speed crystal, ceramic resonator or
cost-saving RC. SN8P1700 series also includes an internal RC oscillator for slow mode controlled by programming.
FEATURES SELECTION TABLE
Timer
PWM
Wakeup
CHIP
ROM
RAM Stack
T0 TC0 TC1
I/O
ADC DAC
Buzzer
SIO
Pin no.
Package
SN8P1702
1K*16
64
-
V
-
12
4ch
-
1
-
3
DIP18/SOP18
SN8P1704
2K*16
128
-
V
V
18
5ch
1ch
2
1
8
SKDIP28/SOP28
SN8P1706
V
V
V
30
8ch
1ch
2
1
9
DIP40
SN8P1707
V
V
V
33
8ch
1ch
2
1
9
QFP44
SN8P1708
4K*16
256
8
V
V
V
33
8ch
1ch
2
1
9
DIP48/SSOP48
Table 1-1. Selection Table of SN8P1700
MASK/OTP Relative Table
Mask Version
Package Form
OTP Chip for Verification
Assembler Declaration
SN8A1702A
DIP18/SOP18/SSOP20
SN8P1702
CHIP SN8P1702
SN8A1704A
SKDIP28/SOP28
SN8P1704
CHIP SN8P1704
SN8A1706A
DIP40
SN8P1706
CHIP SN8P1706
SN8A1707A
QFP44
SN8P1707
CHIP SN8P1707
SN8A1708A
DIP48/SSOP48
SN8P1708
CHIP SN8P1708
Note: Recommend SN8P1702A to replace SN8P1702 in new design. Refer SN8P1702A datasheet for details.
Table 1-2. MASK/OTP Relative Table
ADC GRADE TABLE
CHIP
PARAMETER
MIN
MAX
UNITS
REMARK
Resolution
12
Bits
No Mission Code
8
12
Bits
SN8P170X
Differential Nonlinearity (DNL)
16
LSB
170X:
1702~1708
Resolution
12
Bits
No Mission Code
10
12
Bits
SN8P170X-12
Differential Nonlinearity (DNL)
4
LSB
170X:
1702~1708
Table 1-3. ADC Grade Table


Similar Part No. - SN8A1702AS

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8A1702AS SONIX-SN8A1702AS Datasheet
634Kb / 112P
   8-Bit Micro-Controller
More results

Similar Description - SN8A1702AS

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com