Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509-Q1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509-Q1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4509-Q1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4509-Q1 Datasheet HTML 22Page - Texas Instruments THS4509-Q1 Datasheet HTML 23Page - Texas Instruments THS4509-Q1 Datasheet HTML 24Page - Texas Instruments THS4509-Q1 Datasheet HTML 25Page - Texas Instruments THS4509-Q1 Datasheet HTML 26Page - Texas Instruments THS4509-Q1 Datasheet HTML 27Page - Texas Instruments THS4509-Q1 Datasheet HTML 28Page - Texas Instruments THS4509-Q1 Datasheet HTML 29Page - Texas Instruments THS4509-Q1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
APPLICATION INFORMATION
APPLICATIONS
Differential Input to Differential Output Amplifier
VS
Single-Ended
Input
VS
RF
RF
RG
RG
THS 4509
Differential
Output
V
OUT+
V
OUT–
+
+
Input Common-Mode Voltage Range
R
F
V
OUT+
V
OUT–
V
S+
V
IN–
V
S–
R
F
R
G
R
G
V
IN+
THS4509
Differential
Input
Differential
Output
+
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
+
÷
÷
ø
ö
ç
ç
è
æ
+
´
=
-
+
F
G
F
IN
F
G
G
OUT
IC
R
R
R
V
R
R
R
V
V
(1)
Single-Ended Input to Differential Output
Setting the Output Common-Mode Voltage
THS4509-Q1
SLOS547 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
The following circuits show application information for
the THS4509. For simplicity, power supply decoupling
capacitors are not shown in these diagrams. See
section THS4509 EVM for recommendations. For
more detail on the use and operation of fully
differential op amps see the application report
Fully-Differential Amplifiers (SLOA054) .
The THS4509 is a fully differential op amp, and can
be used to amplify differential input signals to
Figure 82. Single-Ended Input to Differential
differential output signals. A basic block diagram of
Output Amplifier
the circuit is shown in Figure 81 (CM input not
shown). The gain of the circuit is set by RF divided by
RG.
The input common-model voltage of a fully differential
op amp is the voltage at the '+' and '–' input pins of
the op amp.
It is important to not violate the input common-mode
voltage range (VICR) of the op amp. Assuming the op
amp is in linear operation the voltage across the input
pins is only a few millivolts at most. So finding the
voltage at one input pin will determine the input
common-mode voltage of the op amp.
Treating the negative input as a summing node, the
voltage is given by Equation 1:
Figure 81. Differential Input to Differential Output
To determine the VICR of the op amp, the voltage at
Amplifier
the negative input is evaluated at the extremes of
VOUT+.
Depending on the source and load, input and output
termination can be accomplished by adding RIT and
As the gain of the op amp increases, the input
RO.
common-mode voltage becomes closer and closer to
the input common-mode voltage of the source.
Amplifier
The THS4509 can be used to amplify and convert
The output common-mode voltage is set by the
single-ended
input
signals
to
differential
output
voltage at the CM pin(s). The internal common-mode
signals. A basic block diagram of the circuit is shown
control circuit maintains the output common-mode
in Figure 82 (CM input not shown). The gain of the
voltage within 3-mV offset (typ) from the set voltage,
circuit is again set by RF divided by RG.
when set within 0.5 V of mid-supply, with less than
4-mV differential offset voltage. If left unconnected,
the common-mode set point is set to mid-supply by
internal circuitry, which may be overdriven from an
external source. Figure 83 is representative of the
CM input. The internal CM circuit has about 700 MHz
of –3-dB bandwidth, which is required for best
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com