Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201MDEP(1) Datasheet(PDF) 8 Page - Texas Instruments

Part # THS3201MDEP(1)
Description  1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201MDEP(1) Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3201MDEP(1) Datasheet HTML 4Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 5Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 6Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 7Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 8Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 9Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 10Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 11Page - Texas Instruments THS3201MDEP(1) Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
THS3201-EP
SGLS283B – APRIL 2005 – REVISED JANUARY 2009 ..................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VS = ±5 V: Rf = 1 kΩ, RL = 100 Ω , G = +2 (unless otherwise noted)
OVER
TYP
MIN/
TEMPERATURE
PARAMETER
TEST CONDITIONS
UNIT
TYP/
–55°C to
MAX
25°C
25°C
125°C
Input
Common-mode input range
RL = 1 kΩ
±2.6
±2.5
±2.5
V
Min
Common-mode rejection ratio
VCM = ±2.5 V
71
56
50
dB
Min
Inverting input impedance, Zin
Open loop, RL = 1 kΩ
17.5
Typ
Noninverting
780
k
Input resistance
Typ
Inverting
11
Input capacitance
Noninverting
1
pF
Typ
Output
RL = 1 kΩ
±3.65
±3.5
±3.4
Voltage output swing
V
Min
RL = 100 Ω
±3.45
±3.33
±3.2
Current output, sourcing
RL = 20 Ω
115
105
90
mA
Min
Current output, sinking
RL = 20 Ω
100
80
75
mA
Min
Closed-loop output impedance
G = +1, f = 1 MHz
0.01
Typ
Power Supply
Minimum operating voltage
Absolute minimum
±3.3
±3.3
V
Min
Maximum operating voltage
Absolute maximum
±7.5
±7.5
V
Max
Maximum quiescent current
14
16.8
20.5
mA
Max
Power-supply rejection (+PSRR)
VS+ = 4.5 V to 5.5 V, RL = 1 kΩ
69
60
56
dB
Min
Power-supply rejection (–PSRR)
VS– = –4.5 V to –5.5 V, RL = 1 kΩ
65
58
55
dB
Min
8
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3201-EP


Similar Part No. - THS3201MDEP(1)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201MDGNREP TI1-THS3201MDGNREP Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201MDEP(1)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com